Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F1024-55VI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49F1024-55VI
Description  1-Megabit 64K x 16 5-volt Only Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F1024-55VI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49F1024-55VI Datasheet HTML 3Page - ATMEL Corporation AT49F1024-55VI Datasheet HTML 4Page - ATMEL Corporation AT49F1024-55VI Datasheet HTML 5Page - ATMEL Corporation AT49F1024-55VI Datasheet HTML 6Page - ATMEL Corporation AT49F1024-55VI Datasheet HTML 7Page - ATMEL Corporation AT49F1024-55VI Datasheet HTML 8Page - ATMEL Corporation AT49F1024-55VI Datasheet HTML 9Page - ATMEL Corporation AT49F1024-55VI Datasheet HTML 10Page - ATMEL Corporation AT49F1024-55VI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AT49F1024/1025
7
AC Word Load Waveforms
WE Controlled
CE Controlled
AC Word Load Characteristics
Symbol
Parameter
Min
Max
Units
t
AS, tOES
Address, OE Set-up Time
0
ns
t
AH
Address Hold Time
50
ns
t
CS
Chip Select Set-up Time
0
ns
t
CH
Chip Select Hold Time
0
ns
t
WP
Write Pulse Width (WE or CE)90
ns
t
DS
Data Set-up Time
50
ns
t
DH, tOEH
Data, OE Hold Time
0
ns
t
WPH
Write Pulse Width High
90
ns
t
DH
t
DS
t
AS
t
AH
t
WP
CE
ADDRESS
DATA
IN
OE
t
OES
t
OEH
WE
t
CS
t
CH
t
WPH
t
DH
t
DS
t
AS
t
AH
t
WP
WE
ADDRESS
DATA
IN
OE
t
OES
t
OEH
CE
t
CS
t
CH
t
WPH


Similar Part No. - AT49F1024-55VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F1024A-45VC ATMEL-AT49F1024A-45VC Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F1024A-45VL ATMEL-AT49F1024A-45VL Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
More results

Similar Description - AT49F1024-55VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
AT29LV1024 ATMEL-AT29LV1024 Datasheet
215Kb / 12P
   1-Megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com