Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F2048A Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49F2048A
Description  2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F2048A Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49F2048A Datasheet HTML 4Page - ATMEL Corporation AT49F2048A Datasheet HTML 5Page - ATMEL Corporation AT49F2048A Datasheet HTML 6Page - ATMEL Corporation AT49F2048A Datasheet HTML 7Page - ATMEL Corporation AT49F2048A Datasheet HTML 8Page - ATMEL Corporation AT49F2048A Datasheet HTML 9Page - ATMEL Corporation AT49F2048A Datasheet HTML 10Page - ATMEL Corporation AT49F2048A Datasheet HTML 11Page - ATMEL Corporation AT49F2048A Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
AT49F2048A
Program Cycle Waveforms
Sector or Chip Erase Cycle Waveforms
Notes:
1.
OE must be high only when WE and CE are both low.
2.
For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased. (See
note 4 under Command Definitions.)
3.
For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
Program Cycle Characteristics
Symbol
Parameter
Min
Max
Units
t
BP
Byte/Word Programming Time
50
µ
s
t
AS
Address Setup Time
0
ns
t
AH
Address Hold Time
50
ns
t
DS
Data Setup Time
50
ns
t
DH
Data Hold Time
0
ns
t
WP
Write Pulse Width
50
ns
t
WPH
Write Pulse Width High
40
ns
t
EC
Erase Cycle Time
5
seconds
CE
WE
DATA
A0-A16
tBP
tAH
OE
tAS
tWPH
tDS
tDH
tWP
5555
2AAA
5555
AA
55
A0
ADDRESS
PROGRAM CYCLE
INPUT
DATA
5555
AA
CE
WE
DATA
A0-A16
tAH
OE
tAS
tWPH
tDS
tDH
tWP
5555
2AAA
5555
AA
55
80
5555
2AAA
Note 2
AA
55
Note 3
BYTE/
WORD 0
BYTE/
WORD 1
BYTE/
WORD 2
BYTE/
WORD 3
BYTE/
WORD 4
BYTE/
WORD 5
tEC
(1)


Similar Part No. - AT49F2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048-12RC ATMEL-AT49F2048-12RC Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048-12RI ATMEL-AT49F2048-12RI Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048-12TC ATMEL-AT49F2048-12TC Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT49F2048-12TI ATMEL-AT49F2048-12TI Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F2048A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com