Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2142-2 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2142-2
Description  Insulated Miniature Banana Jack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2142-2 Datasheet(HTML) 1 Page - 3M Electronics

  2142-2 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 2142
Insulated Miniature Banana Jack
USA: Sales: 800-490-2361
Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
Rev: 100
D1093937
Page 1 of 1
FEATURES:
Accepts miniature banana plugs.
Mounts in panels up to .250” thick.
MATERIAL:
Banana Jack Insulation – Polycarbonate. Color:
Black
Panel Insulator – Polycarbonate. Color: Black
Lockwasher, #8 Internal Tooth – Steel
Hex Nut, #8-32 – Brass
Banana Jack Body – Brass
Finish:
Lockwasher #8 – Nickel plated
Hex Nut - Nickel plated.
Banana Jack Body - Gold plated.
RATINGS:
Operating Temperature: +115°C (+239°F) Max.
Current: 5 Amperes.
ORDERING INFORMATION: Model 2142-*
*=Color Code – See Tabulation Block
Sold in packages of 10.


Similar Part No. - 2142-2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2142-2 POMONA-2142-2 Datasheet
143Kb / 1P
   Insulated Miniature Banana Jack
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
28Kb / 1P
   Insulated Miniature Banana Jack
More results

Similar Description - 2142-2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2142-4 3M-2142-4 Datasheet
28Kb / 1P
   Insulated Miniature Banana Jack
logo
Pomona Electronics
2142 POMONA-2142 Datasheet
143Kb / 1P
   Insulated Miniature Banana Jack
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
   Insulated Banana Jack
logo
Keystone Electronics Co...
6091 KEYSTONE-6091 Datasheet
202Kb / 1P
   INSULATED BANANA JACK
1.11.06
logo
Pomona Electronics
4022 POMONA-4022 Datasheet
26Kb / 1P
   Insulated Banana Jack, Miniature With Wire Wrap Terminal
5935 POMONA-5935 Datasheet
24Kb / 1P
   2MM Insulated Banana Jack
logo
3M Electronics
4601-0 3M-4601-0 Datasheet
26Kb / 1P
   Triple Banana Jack, Insulated
logo
Pomona Electronics
2269 POMONA-2269 Datasheet
320Kb / 1P
   Insulated Double Banana Jack
4601 POMONA-4601 Datasheet
26Kb / 1P
   Triple Banana Jack, Insulated
logo
Keystone Electronics Co...
6095 KEYSTONE-6095 Datasheet
189Kb / 1P
   NON-INSULATED BANANA JACK
11.5.99
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com