Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV040-20VI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49BV040-20VI
Description  4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV040-20VI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49BV040-20VI Datasheet HTML 1Page - ATMEL Corporation AT49BV040-20VI Datasheet HTML 2Page - ATMEL Corporation AT49BV040-20VI Datasheet HTML 3Page - ATMEL Corporation AT49BV040-20VI Datasheet HTML 4Page - ATMEL Corporation AT49BV040-20VI Datasheet HTML 5Page - ATMEL Corporation AT49BV040-20VI Datasheet HTML 6Page - ATMEL Corporation AT49BV040-20VI Datasheet HTML 7Page - ATMEL Corporation AT49BV040-20VI Datasheet HTML 8Page - ATMEL Corporation AT49BV040-20VI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AT49BV/LV040
5
Operating Modes
Notes:
1.
X can be VIL or VIH.
2.
Refer to AC Programming Waveforms.
3.
VH = 12.0V ± 0.5V.
4.
Manufacturer Code: 1FH
Device Code: 13H (AT49BV/LV040), 12H (AT49BV/LV040T).
5.
See details under Software Product Identification Entry/Exit.
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program(2)
VIL
VIH
VIL
Ai
DIN
Standby/Write Inhibit
VIH
X(1)
XX
High Z
Program Inhibit
X
X
VIH
Program Inhibit
X
VIL
X
Output Disable
X
VIH
XHigh Z
Product Identification
Hardware
VIL
VIL
VIH
A1 - A18 = VIL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code(4)
A1 - A18 = VIL, A9 = VH,
(3)
A0 = VIH
Device Code(4)
Software(5)
A0 = VIL, A1 - A18 = VIL
Manufacturer Code(4)
A0 = VIH, A1 - A18 = VIL
Device Code (4)
DC and AC Operating Range
AT49BV/LV040-12
AT49BV/LV040-15
AT49BV/LV040-20
Operating
Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C
VCC Power Supply
2.7V to 3.6V/3.0V to 3.6V
2.7V to 3.6V/3.0V to 3.6V
2.7V to 3.6V/3.0V to 3.6V
DC Characteristics
Note:
1.
In the erase mode, ICC is 50 mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
50
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
1mA
ICC
(1)
VCC Active Current
f = 5 MHz; IOUT = 0 mA, VCC = 3.6V
12
25
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.45
V
VOH
Output High Voltage
IOH = -100 µA; VCC = 3.0V
2.4
V


Similar Part No. - AT49BV040-20VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040-12JC ATMEL-AT49BV040-12JC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12JI ATMEL-AT49BV040-12JI Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12TC ATMEL-AT49BV040-12TC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12TI ATMEL-AT49BV040-12TI Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-12VC ATMEL-AT49BV040-12VC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV040-20VI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV512 ATMEL-AT49BV512 Datasheet
118Kb / 11P
   512K 64K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com