Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV008AT-15TI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49BV008AT-15TI
Description  8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV008AT-15TI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49BV008AT-15TI Datasheet HTML 4Page - ATMEL Corporation AT49BV008AT-15TI Datasheet HTML 5Page - ATMEL Corporation AT49BV008AT-15TI Datasheet HTML 6Page - ATMEL Corporation AT49BV008AT-15TI Datasheet HTML 7Page - ATMEL Corporation AT49BV008AT-15TI Datasheet HTML 8Page - ATMEL Corporation AT49BV008AT-15TI Datasheet HTML 9Page - ATMEL Corporation AT49BV008AT-15TI Datasheet HTML 10Page - ATMEL Corporation AT49BV008AT-15TI Datasheet HTML 11Page - ATMEL Corporation AT49BV008AT-15TI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AT49BV008A(T)/8192A(T)
8
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH
Device Code: 22H (AT49BV008A), A0H (AT49BV8192A), 21H (AT49BV008AT), A3H (AT49BV8192AT).
5. See details under Software Product Identification Entry/Exit.
6. A V
PP pin is optional. Please contact Atmel.
Note:
1. In the erase mode, I
CC is 50 mA.
DC and AC Operating Range
AT49BV008A(T)/8192A(T)-12
AT49BV008A(T)/8192A(T)-15
AT49BV008A(T)/8192A(T)-20
Operating
Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C
V
CC Power Supply
2.7V to 3.6V
2.7V to 3.6V
2.7V to 3.6V
Operating Modes
Mode
CE
OE
WE
RESET
V
PP
(6)
Ai
I/O
Read
VIL
VIL
VIH
VIH
XAi
DOUT
Program/Erase
(2)
V
IL
V
IH
V
IL
V
IH
5V
± 10%
Ai
D
IN
Standby/Program
Inhibit
V
IH
X
(1)
XV
IH
X
X
High Z
Program Inhibit
X
X
V
IH
V
IH
V
IL
Program Inhibit
X
V
IL
XV
IH
V
IL
Output Disable
X
VIH
XVIH
X
High Z
Reset
X
X
X
V
IL
X
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
VIH
A1 - A18 = VIL, A9 = VH,
(3)
A0 = V
IL
Manufacturer Code
(4)
A1 - A18 = V
IL, A9 = VH,
(3)
A0 = VIH
Device Code
(4)
Software
(5)
VIH
A0 = V
IL, A1 - A18 = VIL
Manufacturer Code
(4)
A0 = V
IH, A1 - A18 = VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
50
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
1mA
I
CC
(1)
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
25
mA
VIL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
VOH
Output High Voltage
IOH = -400 µA2.4
V


Similar Part No. - AT49BV008AT-15TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008AT-12CI ATMEL-AT49BV008AT-12CI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results

Similar Description - AT49BV008AT-15TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com