Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1837-322-162-F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP1837-322-162-F
Description  Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1837-322-162-F Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP1837-322-162-F Datasheet HTML 1Page - Vishay Siliconix MKP1837-322-162-F Datasheet HTML 2Page - Vishay Siliconix MKP1837-322-162-F Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 26017
For technical questions contact; dc-film@vishay.com
www.vishay.com
Revision: 23-Jun-05
1
MKP 1837
Vishay Roederstein
Metallized Polypropylene Film Capacitor
Related Document: IEC 60384-16
Dimensions in millimeters
MAIN APPLICATIONS
Oscillator, timing and LC/RC filter circuits, high frequency
coupling/decoupling, sample and hold circuits.
MARKING
Manufacturer's logo/type/C-value/rated voltage/tolerance/
date of manufacture
DIELECTRIC
Polypropylene film
ELECTRODES
Vacuum deposited aluminum
COATING
Flame retardant plastic case (UL-class 94 V-0), blue, epoxy
resin sealed
CONSTRUCTION
Extended metallized film (refer to general information)
LEADS
Tinned wire
IEC TEST CLASSIFICATION
55/100/56, according to IEC 60068
OPERATING TEMPERATURE RANGE
- 55°C to + 100°C
CAPACITANCE RANGE
0.01µF to 0.1µF
CAPACITANCE DRIFT
Up to + 40°C, < 0.5% for a period of two years
FEATURES
Product is completely lead (Pb)-free
Product is RoHS-compliant
CAPACITANCE TOLERANCES
± 10% (K), ± 5% (J), ± 2.5% (H), ± 1% (F)
RATED VOLTAGES (UR)
160 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60HZ
100 VAC
TEST VOLTAGE (ELECTRODE/ELECTRODE)
1.6 x UR for 2 s
INSULATION RESISTANCE
Measured at 100 VDC after one minute
100,000 M
Ω minimum value
TEMPERATURE COEFFICIENT
- 250°C x 10-6/°C (typical value)
MAXIMUM PULSE RISE TIME
dv/dt = 390 V/µs
If the maximum pulse voltage is less than the rated voltage,
higher dv/dt values can be permitted.
DERATING FOR DC AND AC.CATEGORY VOLTAGE UC
At + 85°C: UC = 1.0 UR
At + 100°C: UC = 0.7 UR
SELF INDUCTANCE
~ 6 nH measured with 2mm long leads
PULL TEST ON LEADS
≥ 30 N in direction of leads according to IEC 60068-2-21
DIELECTRIC ABSORPTION
0.05% (typical value) acc. to IEC 60384-1
RELIABILITY
Operational life > 300,000 h
Failure rate < 5 FIT (40°C and 0.5 x UR)
For further details, please refer to the general information
available at www.vishay.com/doc?26033.
L
Max.
H
Max.
0.6
6.0 - 1
5.0
± 0.4
W
Max.
Marking
± 0.4
Ø 0.5
DISSIPATION FACTOR TAN
δ
MEASURED AT
C
≤ 0.1µF
1kHz
0.4 x 10-3
10kHz
0.6 x 10-3
100kHz
4 x 10-3
Maximum values
e3
RoHS
COMPLIANT


Similar Part No. - MKP1837-322-162-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1837-322-162-F VISHAY-MKP1837-322-162-F Datasheet
39Kb / 2P
   Metallized Polypropylene Film Capacitor
Revision 01-Dec-03
MKP1837-322-162-F VISHAY-MKP1837-322-162-F Datasheet
159Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
MKP1837-322-162-F VISHAY-MKP1837-322-162-F Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
More results

Similar Description - MKP1837-322-162-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 07-Feb-06
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1841 VISHAY-MKP1841 Datasheet
60Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1846 VISHAY-MKP1846_05 Datasheet
168Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1841 VISHAY-MKP1841_05 Datasheet
196Kb / 5P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1841-410 VISHAY-MKP1841-410 Datasheet
194Kb / 5P
   Metallized Polypropylene Capacitor, Mini-Version (-M) Related Document: IEC 60384-16
Revision: 04-Jul-05
MKT1822 VISHAY-MKT1822 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor Related Document: IEC 60384-2
Revision 02-Dec-03
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
MKP1846 VISHAY-MKP1846 Datasheet
46Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60 384-16
Revision 01-Dec-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com