Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW10W Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # FW10W
Description  Fusible Power Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FW10W Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  FW10W Datasheet HTML 1Page - Bourns Electronic Solutions FW10W Datasheet HTML 2Page - Bourns Electronic Solutions FW10W Datasheet HTML 3Page - Bourns Electronic Solutions FW10W Datasheet HTML 4Page - Bourns Electronic Solutions FW10W Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Headquarters Riverside CA
www.bourns.com
page 4 of 5
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
1.
It is the responsibility of the user to verify they are accessing the latest version.
No.
Construction
Element(subpart)
Homogeneous
Material
Material
weight
[mg]
Homogeneous
Material\
Substances
CASRN
if applicable
Materials
Mass %
Material
Mass % of
total unit wt.
Subpart
mass of total
wt. (%)
Aluminum oxide
1344-28-1
69.21
679.99
37.42
Silicon dioxide
14808-60-7
23.89
234.72
12.92
Magnesium oxide
1309-48-4
1.23
12.08
0.67
Barium oxide
1304-28-5
2.92
28.69
1.58
Calcium oxide
1305-78-8
2.37
23.29
1.28
1
Substrate
(Ceramic)
982.50
Potassium oxide
12136-45-7
0.38
3.73
0.21
Nickel
7440-02-0
80.00
45.76
2.52
2
Resistive layer
(Ni-Cr Alloy )
57.20
Chromium
7440-47-3
20.00
11.44
0.63
Copper
7440-50-8
92.70
225.63
12.42
Tin
7440-31-5
2.92
7.11
0.39
3
End cap
243.40
Iron
7439-89-6
4.38
10.66
0.59
Copper
7440-50-8
99.96
199.92
11.00
4
Lead wire
200.00
Tin
7440-31-5
0.04
0.13
0.01
5
FW 50W
Coating
334.00
Epoxy Resin
25085-99-8
100.00
334.00
18.38
Total weight
1817.10
This Document was updated on: 11-21-2012
Important remarks:
1.
It is the responsibility of the user to verify they are accessing the latest version.
Material Number
FW 50W
Product Line
Fusible Power Resistor
Compliance Date
2012.02.07
RoHS Compliant
Yes
MSL
1
Material Number
FW 70W


Similar Part No. - FW10W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW100 ETC1-FW100 Datasheet
80Kb / 1P
   96 Watt AC Adapter
FW10012-D5 ETC1-FW10012-D5 Datasheet
80Kb / 1P
   96 Watt AC Adapter
FW10024-D5 ETC1-FW10024-D5 Datasheet
80Kb / 1P
   96 Watt AC Adapter
logo
Sanyo Semicon Device
FW103 SANYO-FW103 Datasheet
45Kb / 3P
   Ultrahigh-Speed Switching Applications
logo
Bourns Electronic Solut...
FW10A BOURNS-FW10A Datasheet
598Kb / 4P
   Fusible Power Resistors
More results

Similar Description - FW10W

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FRC SEI-FRC Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
logo
Bourns Electronic Solut...
PWR4522 BOURNS-PWR4522 Datasheet
42Kb / 1P
   Wire wound safety version Fusible Resistor
logo
Vishay Siliconix
M25SI VISHAY-M25SI_05 Datasheet
140Kb / 3P
   Thin Film, Rectangular, Fusible, Resistor Chips
Revision: 24-May-05
M25SI VISHAY-M25SI Datasheet
168Kb / 2P
   Thin Film, Rectangular, Fusible, Resistor Chips
Revision 05-Aug-02
logo
Bourns Electronic Solut...
FWXXA BOURNS-FWXXA Datasheet
598Kb / 4P
   Fusible Power Resistors
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
   Fusible Power Resistors
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
669Kb / 4P
   Fusible Power Resistors
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
   POWER RESISTOR
logo
Bourns Electronic Solut...
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
   Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
   Power Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com