Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0140CF51925T Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0140CF51925T
Description  140 MHz Filter 14 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140CF51925T Datasheet(HTML) 1 Page - API Technologies Corp

  SF0140CF51925T Datasheet HTML 1Page - API Technologies Corp SF0140CF51925T Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
140 MHz Filter
14 MHz Bandwidth
Part Number SF0140CF51925T
Micro Networks., 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Rev 1.0 30-Oct-02
Page 1 of 2
Parameter
Min.
Typ.
Max.
Units.
Center Frequency ( Fc)
1
139.8
140.0
140.2
MHz
Insertion Loss at Fc
21.0
24
dB
1 dB Bandwidth
13.2
13.4
MHz
3 dB Bandwidth
14
14.2
MHz
40 dB Bandwidth
17.1
17.6
MHz
Passband Ripple
0.5
0.6
dB
Phase Ripple
4.0
6
deg p-p
Group Delay Ripple
30
90
ns p-p
Absolute Delay
1.67
us
Ultimate Rejection
50
60
dB
Temperature Coefficient of Frequency
-96
ppm/º C
Substrate Material
YZ Lithium Niobate
Source and Load Impedance
50
Ambient Temperature
25
º C
Notes:
1: Mean Value of 3 dB band edges.
TYPICAL PERFORMANCE
Horizontal: 5.0 MHz/div
Vertical (from top):
Magnitude
10 dB/div
Magnitude
1 dB/div
Phase
5 deg/div
SPECIFICATION


Similar Part No. - SF0140CF51925T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140CF51925T ICST-SF0140CF51925T Datasheet
212Kb / 2P
   140 MHz Filter 14 MHz Bandwidth
More results

Similar Description - SF0140CF51925T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140CF51925T ICST-SF0140CF51925T Datasheet
212Kb / 2P
   140 MHz Filter 14 MHz Bandwidth
logo
API Technologies Corp
SF0140BA03110S APITECH-SF0140BA03110S Datasheet
157Kb / 3P
   140 MHz SAW Filter 14 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140BA03110S ICST-SF0140BA03110S Datasheet
168Kb / 3P
   140 MHz SAW Filter 14 MHz Bandwidth
SF0140CF51917T ICST-SF0140CF51917T Datasheet
208Kb / 2P
   140 MHz Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0140BA03073S APITECH-SF0140BA03073S Datasheet
250Kb / 2P
   140 MHz Filter 18 MHz Bandwidth
SF0140CF51917T APITECH-SF0140CF51917T Datasheet
211Kb / 2P
   140 MHz Filter 8 MHz Bandwidth
SF0140CF51947T APITECH-SF0140CF51947T Datasheet
224Kb / 2P
   140 MHz Filter 56 MHz Bandwidth
SF0140CF51943T APITECH-SF0140CF51943T Datasheet
219Kb / 2P
   140 MHz Filter 44 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140BA03073S ICST-SF0140BA03073S Datasheet
249Kb / 2P
   140 MHz Filter 18 MHz Bandwidth
SF0140CF51935T ICST-SF0140CF51935T Datasheet
218Kb / 2P
   140 MHz Filter 28 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com