Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RS16 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB85RS16
Description  16 K (2 K횞8) ?볝긿?늆PI
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS16 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB85RS16 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RS16 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RS16 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RS16 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS16 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS16 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS16 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS16 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS16 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MB85RS16
DS501-00014-6v0-J
3
■ ブロックダイヤグラム
■ SPI モード
MB85RS16
は SPI モード 0 (CPOL = 0, CPHA = 0) と SPI モード 3 (CPOL = 1, CPHA = 1) に対応します。
SCK
SO
SI
CS
WP
HOLD
FRAM
アレイ
2,048×8
シリアル・パラレル・コンバータ
コラムデコーダ / センスアンプ /
ライトアンプ
データレジスタ
FRAM
ステータスレジスタ
パラレル・シリアル・コンバータ
SCK
SI
CS
SCK
SI
CS
7654
3
210
7654
3
210
MSBLSB
MSBLSB
SPI
モード 0
SPI
モード 3


Similar Part No. - MB85RS16

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16NPN-G-AMEWE1 FUJITSU-MB85RS16NPN-G-AMEWE1 Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16NPN-G-AMEWE1 FUJITSU-MB85RS16NPN-G-AMEWE1 Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16NPNF-G-JNE1 FUJITSU-MB85RS16NPNF-G-JNE1 Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
More results

Similar Description - MB85RS16

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS128B FUJITSU-MB85RS128B Datasheet
303Kb / 32P
   128 K (16 K횞8) ?볝긿?늆PI
MB85RS256B FUJITSU-MB85RS256B Datasheet
303Kb / 32P
   256 K (32 K횞8) ?볝긿?늆PI
MB85RS64 FUJITSU-MB85RS64 Datasheet
295Kb / 32P
   64 K (8 K횞8) ?볝긿?늆PI
MB85RC16V FUJITSU-MB85RC16V Datasheet
295Kb / 32P
   16 K (2 K횞8) ?볝긿?뉹2C
MB85RC256V FUJITSU-MB85RC256V Datasheet
304Kb / 32P
   256 K (32 K횞8) ?볝긿?뉹2C
MB85RS2MT FUJITSU-MB85RS2MT Datasheet
458Kb / 28P
   2M (256 K 횞 8) ?볝긿?늆PI
MB85RC64V FUJITSU-MB85RC64V Datasheet
294Kb / 32P
   64 K (8 K횞8) ?볝긿?뉹2C
MB85RS64V FUJITSU-MB85RS64V Datasheet
301Kb / 32P
   64 K (8 K 횞 8) ?볝긿?늆PI
MB85RS1MT FUJITSU-MB85RS1MT Datasheet
510Kb / 36P
   1M (128 K 횞 8) ?볝긿?늆PI
MB85RC128A FUJITSU-MB85RC128A Datasheet
474Kb / 32P
   128 K (16 K 횞 8) ?볝긿?뉹2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com