Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0199CD02382S Datasheet(PDF) 4 Page - API Technologies Corp

Part # SF0199CD02382S
Description  199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0199CD02382S Datasheet(HTML) 4 Page - API Technologies Corp

  SF0199CD02382S Datasheet HTML 1Page - API Technologies Corp SF0199CD02382S Datasheet HTML 2Page - API Technologies Corp SF0199CD02382S Datasheet HTML 3Page - API Technologies Corp SF0199CD02382S Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
199 MHz Filter
0.200 MHz Bandwidth for GSM BTS Receiver IF
Integrated
Circuit
Part Number SF0199CD02382S
Rev X9 1-Feb-05
Page 4 of 4
Integrated Circuit Systems
• Surface Acoustic Wave Products
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
Systems, Inc.
PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
Parameter
Qualification Conditions
Life Testing
High temperature bake at +85 ºC for 168 hours.
Temperature Cycling
MIL-STD 883, Method 1010:
-40 ºC to +85 ºC, 10 cycles, 10 minutes dwell at temperature
extremes
Vibration
MIL-STD-202, Method 201A:
10 to 55 Hz, double amplitude of 0.06” for 2 hours in each axis.
Mechanical Shock
MIL-STD-883, Method 2002, Test Condition B:
1500 g’s, 3 impacts each axis
Solder Heat Resistance and Reflow Condition
Peak temperature 240+/-5 ºC for 10 seconds.
Pre-heat: 150-170 ºC for 60 to 90 seconds.
Peak dwell: over 200 ºC for 23 to 26 seconds.
Handling: Class 1 per MIL-STD-1686
Reflow Profile is shown at the bottom of this table.
Lead Integrity
MIL-STD 883 Method 2004, Condition D
8 oz for 30 seconds.
Solderability
MIL-STD-883 Method 2003:
245 ºC +/-5 ºC; 95% coverage; no steam aging
Hermeticity
MIL-STD 883 Method 1014:
Condition A2 and Condition C (no bomb)
ESD Classification
Class I per MIL-STD-883 Method 3015
Precautions
Do not subject devices to ultrasonic cleaning, which may cause
deterioration and destruction of the device.
Reflow Profile
0
50
100
150
200
250
0
50
100
150
200
250
300
TIME (sec)
ISO 9001
Registered
QF12/3


Similar Part No. - SF0199CD02382S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF0199CD02382S ETC-SF0199CD02382S Datasheet
144Kb / 4P
   199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver
logo
Integrated Circuit Solu...
SF0199CD02382S ICSI-SF0199CD02382S Datasheet
147Kb / 4P
   199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
logo
Integrated Circuit Syst...
SF0199CD02382S ICST-SF0199CD02382S Datasheet
147Kb / 4P
   199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
More results

Similar Description - SF0199CD02382S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0199CD02382S ICST-SF0199CD02382S Datasheet
147Kb / 4P
   199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
logo
Integrated Circuit Solu...
SF0199CD02382S ICSI-SF0199CD02382S Datasheet
147Kb / 4P
   199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
logo
List of Unclassifed Man...
SF0199CD02382S ETC-SF0199CD02382S Datasheet
144Kb / 4P
   199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver
logo
Analog Devices
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
logo
RF Monolithics, Inc
SF1092A RFM-SF1092A Datasheet
230Kb / 9P
   199 MHz SAW Filter
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
   199 MHz Bandpass Filter
logo
Murata Manufacturing Co...
SF1092A MURATA-SF1092A Datasheet
561Kb / 5P
   199 MHz SAW Filter
logo
Analog Devices
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
AD6673 AD-AD6673 Datasheet
1Mb / 45P
   80 MHz Bandwidth, Dual IF Receiver
logo
RF Monolithics, Inc
SF1115A RFM-SF1115A Datasheet
283Kb / 12P
   199 MHz SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com