Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F002N Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT49F002N
Description  2-Megabit 256K x 8 5-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F002N Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT49F002N Datasheet HTML 8Page - ATMEL Corporation AT49F002N Datasheet HTML 9Page - ATMEL Corporation AT49F002N Datasheet HTML 10Page - ATMEL Corporation AT49F002N Datasheet HTML 11Page - ATMEL Corporation AT49F002N Datasheet HTML 12Page - ATMEL Corporation AT49F002N Datasheet HTML 13Page - ATMEL Corporation AT49F002N Datasheet HTML 14Page - ATMEL Corporation AT49F002N Datasheet HTML 15Page - ATMEL Corporation AT49F002N Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
3354F–FLASH–2/05
AT49F002A(N)(T)
18. Program Cycle Waveforms
19. Sector or Chip Erase Cycle Waveforms
Notes:
1. OE must be high only when WE and CE are both low.
2. For chip erase, the address should be 555. For sector erase, the address depends on what sector is to be erased.
(See note 4 under command definitions.)
3. For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
17. Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Byte Programming Time
20
50
µs
t
AS
Address Set-up Time
0
ns
tAH
Address Hold Time
25
ns
t
DS
Data Set-up Time
25
ns
t
DH
Data Hold Time
0
ns
tWP
Write Pulse Width
25
ns
t
WPH
Write Pulse Width High
20
ns
t
EC
Erase Cycle Time
4
8
seconds


Similar Part No. - AT49F002N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F002NT ATMEL-AT49F002NT Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002NT-55JC ATMEL-AT49F002NT-55JC Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002NT-55JI ATMEL-AT49F002NT-55JI Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002NT-55PC ATMEL-AT49F002NT-55PC Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002NT-55PI ATMEL-AT49F002NT-55PI Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F002N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com