Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C256E-25JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT28C256E-25JI
Description  256K 32K x 8 Paged CMOS E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256E-25JI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT28C256E-25JI Datasheet HTML 1Page - ATMEL Corporation AT28C256E-25JI Datasheet HTML 2Page - ATMEL Corporation AT28C256E-25JI Datasheet HTML 3Page - ATMEL Corporation AT28C256E-25JI Datasheet HTML 4Page - ATMEL Corporation AT28C256E-25JI Datasheet HTML 5Page - ATMEL Corporation AT28C256E-25JI Datasheet HTML 6Page - ATMEL Corporation AT28C256E-25JI Datasheet HTML 7Page - ATMEL Corporation AT28C256E-25JI Datasheet HTML 8Page - ATMEL Corporation AT28C256E-25JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Device Operation
READ: The AT28C256 is accessed like a Static RAM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins is
asserted on the outputs. The outputs are put in the high
impedance state when either CE or OE is high. This dual-
line control gives designers flexibility in preventing bus
contention in their system.
BYTE WRITE: A low pulse on the WE or CE input with CE
or WE low (respectively) and OE high initiates a write cy-
cle. The address is latched on the falling edge of CE or
WE, whichever occurs last. The data is latched by the first
rising edge of CE or WE. Once a byte write has been
started it will automatically time itself to completion. Once
a programming operation has been initiated and for the
duration of tWC, a read operation will effectively be a poll-
ing operation.
PAGE WRITE: The page write operation of the AT28C256
allows 1 to 64-bytes of data to be written into the device
during a single internal programming period. A page write
operation is initiated in the same manner as a byte write;
the first byte written can then be followed by 1 to 63 addi-
tional bytes. Each successive byte must be written within
150
µs (tBLC) of the previous byte. If the tBLC limit is ex-
ceeded the AT28C256 will cease accepting data and com-
mence the internal programming operation. All bytes dur-
ing a page write operation must reside on the same page
as defined by the state of the A6 - A14 inputs. For each
WE high to low transition during the page write operation,
A6 - A14 must be the same.
The A0 to A5 inputs are used to specify which bytes within
the page are to be written. The bytes may be loaded in any
order and may be altered within the same load period.
Only bytes which are specified for writing will be written;
unnecessary cycling of other bytes within the page does
not occur.
DATA POLLING: The AT28C256 features DATA Polling
to indicate the end of a write cycle. During a byte or page
write cycle an attempted read of the last byte written will
result in the complement of the written data to be pre-
sented on I/O7. Once the write cycle has been completed,
true data is valid on all outputs, and the next write cycle
may begin. DATA Polling may begin at anytime during the
write cycle.
TOGGLE BIT: In addition to DATA Polling the AT28C256
provides another method for determining the end of a write
cycle. During the write operation, successive attempts to
read data from the device will result in I/O6 toggling be-
tween one and zero. Once the write has completed, I/O6
will stop toggling and valid data will be read. Reading the
toggle bit may begin at any time during the write cycle.
(continued)
DATA PROTECTION: If precautions are not taken, inad-
vertent writes may occur during transitions of the host sys-
tem power supply. Atmel has incorporated both hardware
and software features that will protect the memory against
inadvertent writes.
HARDWARE PROTECTION: Hardware features protect
against inadvertent writes to the AT28C256 in the follow-
ing ways: (a) VCC sense - if VCC is below 3.8V (typical) the
write function is inhibited; (b) VCC power-on delay - once
VCC has reached 3.8V the device will automatically time
out 5 ms (typical) before allowing a write: (c) write inhibit -
holding any one of OE low, CE high or WE high inhibits
write cycles; (d) noise filter - pulses of less than 15 ns (typi-
cal) on the WE or CE inputs will not initiate a write cycle.
SOFTWARE DATA PROTECTION: A software controlled
data protection feature has been implemented on the
AT28C256. When enabled, the software data protection
(SDP), will prevent inadvertent writes. The SDP feature
may be enabled or disabled by the user; the AT28C256 is
shipped from Atmel with SDP disabled.
SDP is enabled by the host system issuing a series of
three write commands; three specific bytes of data are
written to three specific addresses (refer to Software Data
Protection Algorithm). After writing the 3-byte command
sequence and after tWC the entire AT28C256 will be pro-
tected against inadvertent write operations. It should be
noted, that once protected the host may still perform a
byte or page write to the AT28C256. This is done by pre-
ceding the data to be written by the same 3-byte command
sequence used to enable SDP.
Once set, SDP will remain active unless the disable com-
mand sequence is issued. Power transitions do not dis-
able SDP and SDP will protect the AT28C256 during
power-up and power-down conditions. All command se-
quences must conform to the page write timing specifica-
tions. The data in the enable and disable command se-
quences is not written to the device and the memory ad-
dresses used in the sequence may be written with data in
either a byte or page write operation.
After setting SDP, any attempt to write to the device with-
out the 3-byte command sequence will start the internal
write timers. No data will be written to the device; however,
for the duration of tWC, read operations will effectively be
polling operations.
AT28C256
2-219


Similar Part No. - AT28C256E-25JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256E-25DM/883 ATMEL-AT28C256E-25DM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-25FM/883 ATMEL-AT28C256E-25FM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-25LM/883 ATMEL-AT28C256E-25LM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-25UM/883 ATMEL-AT28C256E-25UM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
More results

Similar Description - AT28C256E-25JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Sharp Corporation
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
   CMOS 256K (32K x 8) MROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com