Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR163S-25-10R0JE Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PWR163S-25-10R0JE
Description  PWR163 Series Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR163S-25-10R0JE Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PWR163S-25-10R0JE Datasheet HTML 1Page - Bourns Electronic Solutions PWR163S-25-10R0JE Datasheet HTML 2Page - Bourns Electronic Solutions PWR163S-25-10R0JE Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Smaller than a D2PAK package
Low inductance
Resistor electrically isolated from the
backplate
High power rating
Compatible with lead free solder reflow
temperatures
RoHS compliant*
AEC-Q200 qualified
Applications
Power supplies
Motor drives
Test and measurement
Rectifiers
Electrical & Thermal Characteristics
PWR163 Series Power Resistor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual
device performance may vary over time.
Users should verify actual device performance in their specific applications.
General Information
The PWR163 Series is a DPAK style surface mount power resistor. It has a very low inductance making it ideal for high frequency
applications such as amplifiers for audio or wireless base stations. It has excellent pulse characteristics as well, allowing it to be used
in current limiting or capacitor discharge circuits.
Parameter
Value(s)
Resistance
(See Popular Resistance Values table)
0.02
Ω to 130 KΩ
Power Rating @ 25 ˚C Case Temperature
25 W
Tolerance
±1 %**,
±5 %
TCR
±100 PPM/˚C
Thermal Resistance - Rthj
5.2 ˚C/W
Inductance
0.1 μH maximum
Operating Voltage
√P*R with a maximum of 250 V
Dielectric Strength
2 KV AC
Insulation Resistance
10 G
Ω
Operating Temperature
-55 ˚C to 155 ˚C
Material Characteristics
Resistor ...................................Thick film
Substrate ..................... Alumina (AL203)
Housing ........................................ Epoxy
Pins....................Tinned Copper (Sn/Cu)
Flammability ........ Conforms to UL-94V0
Derating Curve
Reliability Characteristics
Parameter
Specification
Short Term Overload (2x Pr for R < 2
Ω,
1.6 x Pr for R
≥ 2 Ω, V < 1.5 x Operating Voltage)
ΔR ±0.25 %
Load Life (1000 hours at rated power)
ΔR ±1.0 %
Thermal Shock (-55 ˚C to 155 ˚C, 5 cycles)
ΔR ±0.5 %
Resistance to Soldering Heat (10 seconds at
270 ˚C)
ΔR ±0.5 %
Vibration (20 G 10-2000 Hz .06 ” D.A.)
ΔR ±0.25 %
Moisture Sensitivity Level
1
Temperature of Backplate (
°C)
100
120
80
60
40
20
0
25
50
115
100
85
130
145
155
** Available for most values. Check Popular Resistance Values table.
163
25
1R00
5%
005
COST
A RICA
Popular Resistance Values
Code
Resistance
Value
Code
Resistance
Value
R020
0.02 Ω***
1000
100 Ω
R025
0.025 Ω***
1200
120 Ω
R030
0.03 Ω***
1500
150 Ω
R033
0.033 Ω***
2000
200 Ω
R040
0.04 Ω***
2500
250 Ω
R050
0.05 Ω***
3000
300 Ω
R075
0.075 Ω***
3300
330 Ω
R100
0.1 Ω
4000
400 Ω
R150
0.15 Ω
4700
470 Ω
R200
0.2 Ω
5000
500 Ω
R250
0.25 Ω
5600
560 Ω
R300
0.3 Ω
7500
750 Ω
R330
0.33 Ω
1001
1.0 KΩ
R400
0.4 Ω
1501
1.5 KΩ
R500
0.5 Ω
2001
2.0 KΩ
R750
0.75 Ω
2501
2.5 KΩ
1R00
1 Ω
3001
3.0 KΩ
1R50
1.5 Ω
3301
3.3 KΩ
2R00
2 Ω
4001
4.0 KΩ
2R50
2.5 Ω
5001
5.0 KΩ
3R00
3 Ω
7501
7.5 KΩ
3R30
3.3 Ω
1002
10 KΩ
4R00
4 Ω
1502
15 KΩ
5R00
5 Ω
2002
20 KΩ
7R50
7.5 Ω
2502
25 KΩ
8R00
8 Ω
3002
30 KΩ
10R0
10 Ω
3302
33 KΩ
12R0
12 Ω
4002
40 KΩ
15R0
15 Ω
4702
47 KΩ
20R0
20 Ω
5002
50 KΩ
25R0
25 Ω
5602
56 KΩ
27R0
27 Ω
6802
68 KΩ
30R0
30 Ω
7502
75 KΩ
33R0
33 Ω
8202
82 KΩ
40R0
40 Ω
1003
100 KΩ
47R0
47 Ω
1153
115 KΩ
50R0
50 Ω
1203
120 KΩ
56R0
56 Ω
1253
125 KΩ
75R0
75 Ω
1303
130 KΩ
*** 5 % Tolerance


Similar Part No. - PWR163S-25-10R0JE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR163S-25-10R0JE BOURNS-PWR163S-25-10R0JE Datasheet
362Kb / 3P
   PWR163 Series Power Resistor Test and measurement
More results

Similar Description - PWR163S-25-10R0JE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR163S-25-10R0JE BOURNS-PWR163S-25-10R0JE Datasheet
362Kb / 3P
   PWR163 Series Power Resistor Test and measurement
logo
IRC - a TT electronics ...
TFP-SMHP35LF-0R05-J IRCTT-TFP-SMHP35LF-0R05-J Datasheet
522Kb / 3P
   SMHP35 Series Power Resistor
logo
Bourns Electronic Solut...
PWR220T-35-10R0F BOURNS-PWR220T-35-10R0F Datasheet
302Kb / 2P
   PWR220T-35 Series Power Resistor
CRM2512-FT-1202ELF BOURNS-CRM2512-FT-1202ELF Datasheet
225Kb / 2P
   CRM2512-FT Series Power Resistor
PWR220T-20-47R0F BOURNS-PWR220T-20-47R0F Datasheet
317Kb / 2P
   PWR220T-20 Series Power Resistor
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
   POWER RESISTOR
logo
Bourns Electronic Solut...
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
   Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F_11 Datasheet
664Kb / 3P
   Power Resistor
logo
Tyco Electronics
1622820-3 MACOM-1622820-3 Datasheet
38Kb / 1P
   SMD POWER RESISTOR SERIES 3520
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com