Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV008A-15TC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49BV008A-15TC
Description  8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV008A-15TC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49BV008A-15TC Datasheet HTML 1Page - ATMEL Corporation AT49BV008A-15TC Datasheet HTML 2Page - ATMEL Corporation AT49BV008A-15TC Datasheet HTML 3Page - ATMEL Corporation AT49BV008A-15TC Datasheet HTML 4Page - ATMEL Corporation AT49BV008A-15TC Datasheet HTML 5Page - ATMEL Corporation AT49BV008A-15TC Datasheet HTML 6Page - ATMEL Corporation AT49BV008A-15TC Datasheet HTML 7Page - ATMEL Corporation AT49BV008A-15TC Datasheet HTML 8Page - ATMEL Corporation AT49BV008A-15TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AT49BV008A(T)/8192A(T)
2
The device is erased by executing the erase command
sequence; the device internally controls the erase opera-
tion. The memory is divided into four blocks for erase oper-
ations. There are two 4K word parameter block sections,
the boot block, and the main memory array block. The typi-
cal number of program and erase cycles is in excess of
10,000 cycles.
The optional 8K word boot block section includes a repro-
gramming lock out feature to provide data integrity. This
feature is enabled by a command sequence. Once the boot
block programming lockout feature is enabled, the data in
the boot block cannot be changed when input levels of 3.6
volts or less are used. The boot sector is designed to con-
tain user secure code.
For the AT49BV8192A(T), the BYTE pin controls whether
the device data I/O pins operate in the byte or word config-
uration. If the BYTE pin is set at a logic “1” or left open, the
device is in word configuration, I/O0 - I/O15 are active and
controlled by CE and OE.
If the BYTE pin is set at logic “0”, the device is in byte con-
figuration, and only data I/O pins I/O0 - I/O7 are active and
controlled by CE and OE. The data I/O pins I/O8 - I/O14
are tri-stated and the I/O15 pin is used as an input for the
LSB (A-1) address function.
An optional V
PP pin is available to improve program/erase
times. Please contact Atmel for more information.
AT49BV8192A(T) TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RESET
*NC/VPP
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
GND
I/O15 / A-1
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
VCC
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
GND
CE
A0
AT49BV008A(T) TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A16
A15
A14
A13
A12
A11
A9
A8
WE
RESET
*NC/VPP
RDY/BUSY
A18
A7
A6
A5
A4
A3
A2
A1
A17
GND
NC
A-1
A10
I/O7
I/O6
I/O5
I/O4
VCC
VCC
NC
I/O3
I/O2
I/O1
I/O0
OE
GND
CE
A0
AT49BV8192A(T)
CBGA Top View (Ball Down)
A
B
C
D
E
F
1
234567
A13
A14
A15
A16
BYTE
GND
A11
A10
A12
I/O14
I/O15
I/O7
A8
WE
A9
I/O5
I/O6
I/O13
*NC/VPP
RST
NC
I/O11
I/O12
I/O4
NC
A18
NC
I/O2
I/O3
VCC
NC
A17
A6
I/O8
I/O9
I/O10
A7
A5
A3
CE
I/O0
I/O1
8
A4
A2
A1
A0
GND
OE
AT49BV008A(T) Standard Pin Definition
CBGA Top View (Ball Down)
A
B
C
D
E
F
1
234567
A13
A14
A15
A16
NC
GND
A11
A10
A12
NC
A-1
I/O7
A8
WE
A9
I/O5
I/O6
NC
VPP
RST
NC
NC
NC
I/O4
NC
A18
NC
I/O2
I/O3
VCC
NC
A17
A6
NC
NC
NC
A7
A5
A3
CE
I/O0
I/O1
8
A4
A2
A1
A0
GND
OE
AT49BV008A(T) Alternate Pin Definition
CBGA Top View (Ball Down)
A
B
C
D
E
F
1
234567
A14
A15
A16
A17
NC
GND
A12
A10
A13
NC
A11
I/O7
A8
WE
A9
I/O5
I/O6
NC
VPP
RST
NC
NC
NC
I/O4
NC
A19
NC
I/O2
I/O3
VCC
NC
A18
A6
NC
NC
NC
A7
A5
A3
CE
I/O0
I/O1
8
A4
A2
A1
A0
GND
OE
*Standard device is a NC. Please contact Atmel for VPP option.


Similar Part No. - AT49BV008A-15TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008A-12TI ATMEL-AT49BV008A-12TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results

Similar Description - AT49BV008A-15TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com