Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR220F Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PWR220F
Description  Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR220F Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PWR220F_11 Datasheet HTML 1Page - Bourns Electronic Solutions PWR220F_11 Datasheet HTML 2Page - Bourns Electronic Solutions PWR220F_11 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REV. 06/11
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PWR220/PWR221 F Series Power Resistors
Soldering Profile (Surface Mount Version Only)
Derating Curve
50
100
150
200
250
90 ± 30 seconds
Pre-heating Zone
150 °C
230 °C or higher
Peak 260 +5/-0 °C
180 °C
30 ± 10 seconds
Heating Time
Soldering Zone
Temperature of Heat Sink (°C)
50
85
100
115
130
155
145
120
100
80
60
40
20
0
25
Packaging Dimensions
.......
.......
.......
.......
.......
.......
.......
.......
P
A
120
D
C
Index Hole
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
DIMENSIONS:
MM
(INCHES)
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
Item
Symbol
Dimensions
Carrier Width
A
10.4
(0.409)
Carrier Length
B
18.4
(0.724)
Carrier Depth
C
4.4
(0.173)
Reel Outside Diameter
D
330
(12.992)
Punch Hole Pitch
P
16.00
(0.630)
Tape Width
W
32
(1.260)
Quantity per Reel
500


Similar Part No. - PWR220F_11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR220F BOURNS-PWR220F Datasheet
307Kb / 3P
   Power Resistor
More results

Similar Description - PWR220F_11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
   POWER RESISTOR
logo
Bourns Electronic Solut...
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
   Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
   Power Resistor
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
   Power Resistor
PWR220035XXX BOURNS-PWR220035XXX Datasheet
49Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F Datasheet
307Kb / 3P
   Power Resistor
PWR3920S BOURNS-PWR3920S Datasheet
224Kb / 2P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F Datasheet
314Kb / 3P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F_16 Datasheet
316Kb / 3P
   Power Resistor
PWR220T-20 BOURNS-PWR220T-20 Datasheet
242Kb / 2P
   Power Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com