Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1457N1201BK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1457N1201BK
Description  Solid models of this enclosure available in STEP or IGES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1457N1201BK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1457N1201BK Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM TOP
SECTION X-X
END PANEL - VIEW FROM OUTSIDE
DETAIL Y
C l e a r a n o d i z e d b o x w i t h b la c k p o w d e r
p a i n t e d e n d p a n e l s
B l a c k p o w d e r p a in t e d b o x a n d e n d
p a n e l s
C l e a r a n o d i z e d b o x w i t h b la c k p o w d e r
p a i n t e d e n d p a n e l s
B l a c k p o w d e r p a in t e d b o x a n d e n d
p a n e l s
N O T E
1 4 5 7 N 1 2 0 1
1 4 5 7 N 1 2 0 1 B K
W A T E R P R O O F 1 4 5 7 N 1 2 0 1
P A R T N U M B E R S
S e e w e b s i t e fo r a c c e s s o ri e s .
P u r c h a s e d a s s e m b l y i n c l u d e s b o x , e n d p a n e l s , s t a i n l e s s s t e e l
# 6 T a p t i g h t s c re w s , s e l f a d h e s i ve r u b b e r fe e t , g a s k e t s a n d O -
R i n g s .
B o x m a d e fro m E x t r u d e d A l u m i n u m 6 0 6 3 .
E n d p a n e l s m a d e fro m T y p e 3 8 0 D i e c a s t A l u m i n u m w i t h a
b l a c k p o w d e r p a i n t fi n i s h .
E M I / R F I S H I E L D E D (I P 5 4 )
A C C E S S O R I E S
1 4 5 7 N 1 2 0 1 E
1 4 5 7 N 1 2 0 1 E B K
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
X
X
Y
1457N1201
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
Fits 120mm (4.724") X 100mm (3.937") PCB
Note: Aluminum extrusion has a tolerance of +/- .02"
129.00 mm
[5.079 in]
114.00 mm
[4.488 in]
108.00 mm
[4.252 in]
86.00 mm
[3.386 in]
120.00 - 0.50
0.54
+
mm
4.724 - 0.02
0.02
+
in
[
]
Inside Face to Face Dimension
101.00 - 0.18
0.00
+
mm
3.976 - 0.007
0.000
+
in
[
]
6.00 mm
[0.236 in]
96.00 - 0.18
0.00
+
mm
3.780 - 0.007
0.000
+
in
[
]
50.11 - 0.18
0.00
+
mm
1.973 - 0.007
0.000
+
in
[
]
4.25 mm
[0.167 in]
2.00 - 0.18
0.00
+
mm
0.079 - 0.007
0.000
+
in
[
]
1.50 mm
[0.059 in]
2.50 mm
[0.098 in]
108.00 mm
[4.252 in]
96.02 mm
[3.780 in]
83.72 mm
[3.296 in]
58.61 mm
[2.308 in]
54.33 mm
[2.139 in]
45.14 mm
[1.777 in]
R5.99 mm
[0.236 in]
4X
58.61 mm
[2.308 in]
54.61 mm
[2.150 in]
n5.00 mm x 0.60 mm 4X
n3.60 mm x 8.00 mm
v 7.00 mm x2.50 mm 4X
.75mm (.030") Deep Recess For Labels/Keypads etc.
PROTECTION TO IP 65


Similar Part No. - 1457N1201BK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1457N1202 HAMMOND-1457N1202 Datasheet
281Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1202BK HAMMOND-1457N1202BK Datasheet
281Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1202E HAMMOND-1457N1202E Datasheet
281Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1202EBK HAMMOND-1457N1202EBK Datasheet
281Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results

Similar Description - 1457N1201BK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457K1601 HAMMOND-1457K1601 Datasheet
1Mb / 1P
   Solid models of this enclosure available in STEP or IGES
1457C1202 HAMMOND-1457C1202 Datasheet
914Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457C1201 HAMMOND-1457C1201 Datasheet
923Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1602 HAMMOND-1457N1602 Datasheet
250Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457N1601 HAMMOND-1457N1601 Datasheet
240Kb / 1P
   Solid models of this enclosure available in STEP or IGES
1590D HAMMOND-1590D Datasheet
175Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457K1201 HAMMOND-1457K1201 Datasheet
1Mb / 1P
   Solid models of this enclosure available in STEP or IGES
1457N1202 HAMMOND-1457N1202 Datasheet
281Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1550A HAMMOND-1550A Datasheet
504Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com