Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR221T-30-10R0J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PWR221T-30-10R0J
Description  Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR221T-30-10R0J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PWR221T-30-10R0J Datasheet HTML 1Page - Bourns Electronic Solutions PWR221T-30-10R0J Datasheet HTML 2Page - Bourns Electronic Solutions PWR221T-30-10R0J Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
TO-220 housing
Low inductance
Ceramic backplane
High power rating
RoHS compliant*
Applications
Power supplies
Motor drives
Test and measurement
Rectifiers
Electrical & Thermal Characteristics
PWR221T-30 Series Power Resistor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and
RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
Bourns® PWR221T-30 Series is a TO-220 style power resistor made using thick film on alumina ceramic technology. It is used in
current limiting, capacitor discharge or current measurement circuits in power supplies for telecom and industrial applications.
Parameter
Value(s)
Resistance (See Popular Resistance Values table)
0.02
Ω to 130 KΩ
Power Rating @ 25 ˚C Case Temperature
30 W**
Tolerance
±1 %***,
±5 %
TCR
0.100
Ω<R<130.0 KΩ
0.050
Ω<R<0.100 Ω
0.020
Ω<R<0.050 Ω
±100 PPM/˚C
±300 PPM/˚C
±600 PPM/˚C
Thermal Resistance - Rthj
4.2 ˚C/W
Inductance
0.1 µH maximum
Operating Voltage
√P*R with a maximum of 250 V
Dielectric Strength
2 KV AC
Insulation Resistance
10 G
Ω
Operating Temperature
-55 ˚C to +150 ˚C
Material Characteristics
Resistor ...................................Thick film
Substrate ..................... Alumina (AL203)
Housing ........................................ Epoxy
Pins....................Tinned Copper (Sn/Cu)
Flammability ........ Conforms to UL-94V0
Reliability Characteristics
Parameter
Specification
Short Term Overload (2x Pr for R < 2
Ω,
1.6 x Pr for R
≥ 2 Ω, V < 1.5 x Operating Voltage)
ΔR ±0.25 %
Load Life (2000 hours at rated power)
ΔR ±1.0 %
Thermal Shock (-55 ˚C to 155 ˚C, 5 cycles)
ΔR ±0.5 %
Resistance to Soldering Heat (10 seconds at
270 ˚C)
ΔR ±0.5 %
Vibration (20 G 10-2000 Hz .06 ” D.A.)
ΔR ±0.25 %
Terminal Strength (MIL-STD-202, Method 211
Test A1)
ΔR ±0.2 %
Shock (Saw Tooth: 100 g/6 ms)
ΔR ±0.5 %
Humidity (Steady State) 1000 hrs. 85 °C/85 % RH
ΔR ±0.5 %
High Temperature Exposure
(100 hrs - 40 % Pr @ +125 °C)
ΔR ±0.5 %
Packaging
............................................ 50 pcs./tube
** Power rating of 2.25 W when mounted free to air (no heat sink).
*** Available for most values. Check Popular Resistance Values table.
Typical Part Marking
221
30
R500 1%
902
COSTA RICA
MANUFACTURER'S
TRADEMARK
MODEL
NUMBER
RESISTANCE
CODE
TOLERANCE
DATE CODE
COUNTRY
OF ORIGIN
221
30
25R0
1%
018
COST
A RICA
Popular Resistance Values
Code
Resistance
Value
Code
Resistance
Value
R020
0.02 Ω***
1000
100 Ω
R025
0.025 Ω***
1200
120 Ω
R030
0.03 Ω***
1500
150 Ω
R033
0.033 Ω***
2000
200 Ω
R040
0.04 Ω***
2500
250 Ω
R050
0.05 Ω***
3000
300 Ω
R075
0.075 Ω***
3300
330 Ω
R100
0.1 Ω
4000
400 Ω
R150
0.15 Ω
4700
470 Ω
R200
0.2 Ω
5000
500 Ω
R250
0.25 Ω
5600
560 Ω
R300
0.3 Ω
7500
750 Ω
R330
0.33 Ω
1001
1.0 KΩ
R400
0.4 Ω
1501
1.5 KΩ
R500
0.5 Ω
2001
2.0 KΩ
R750
0.75 Ω
2501
2.5 KΩ
1R00
1 Ω
3001
3.0 KΩ
1R50
1.5 Ω
3301
3.3 KΩ
2R00
2 Ω
4001
4.0 KΩ
2R50
2.5 Ω
5001
5.0 KΩ
3R00
3 Ω
7501
7.5 KΩ
3R30
3.3 Ω
1002
10 KΩ
4R00
4 Ω
1502
15 KΩ
5R00
5 Ω
2002
20 KΩ
7R50
7.5 Ω
2502
25 KΩ
8R00
8 Ω
3002
30 KΩ
10R0
10 Ω
3302
33 KΩ
12R0
12 Ω
4002
40 KΩ
15R0
15 Ω
4702
47 KΩ
20R0
20 Ω
5002
50 KΩ
25R0
25 Ω
5602
56 KΩ
27R0
27 Ω
6802
68 KΩ
30R0
30 Ω
7502
75 KΩ
33R0
33 Ω
8202
82 KΩ
40R0
40 Ω
1003
100 KΩ
47R0
47 Ω
1153
115 KΩ
50R0
50 Ω
1203
120 KΩ
56R0
56 Ω
1253
125 KΩ
75R0
75 Ω
1303
130 KΩ
*** 5 % Tolerance


Similar Part No. - PWR221T-30-10R0J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR221T-30-10R0J BOURNS-PWR221T-30-10R0J Datasheet
269Kb / 2P
   PWR221T-30 Series Power Resistor
More results

Similar Description - PWR221T-30-10R0J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
   POWER RESISTOR
logo
Bourns Electronic Solut...
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
   Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F_11 Datasheet
664Kb / 3P
   Power Resistor
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
   Power Resistor
PWR220035XXX BOURNS-PWR220035XXX Datasheet
49Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F Datasheet
307Kb / 3P
   Power Resistor
PWR3920S BOURNS-PWR3920S Datasheet
224Kb / 2P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F_16 Datasheet
316Kb / 3P
   Power Resistor
PWR220T-20 BOURNS-PWR220T-20 Datasheet
242Kb / 2P
   Power Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com