Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4004R6 Datasheet(PDF) 5 Page - Littelfuse

Part # L4004R6
Description  Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4004R6 Datasheet(HTML) 5 Page - Littelfuse

  L4004R6 Datasheet HTML 1Page - Littelfuse L4004R6 Datasheet HTML 2Page - Littelfuse L4004R6 Datasheet HTML 3Page - Littelfuse L4004R6 Datasheet HTML 4Page - Littelfuse L4004R6 Datasheet HTML 5Page - Littelfuse L4004R6 Datasheet HTML 6Page - Littelfuse L4004R6 Datasheet HTML 7Page - Littelfuse L4004R6 Datasheet HTML 8Page - Littelfuse L4004R6 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
55
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Figure 9: On-State Current vs. On-State Voltage (Typical)
Positive or Instantaneous
On-State Voltage (V
T) - Volts
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
T
J = 25°C
18
20
16
14
12
10
8
6
4
2
110
100
1000
10
Surge Current Duration – Full Cycles
1
100
Qxx04Ry
Qxx04Ly
Qxx04Dy
Qxx04Vy
Lxx04Ry
Lxx04Ly
Lxx04Dy
Lxx04Vy
Figure 10: Surge Peak On-State Current vs. Number of Cycles
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
RMS On-State [I
T(RMS)]: Max Rated Value at
Specific Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
Note: xx = voltage, y = sensitivity


Similar Part No. - L4004R6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L4004R6XX LITTELFUSE-L4004R6XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
More results

Similar Description - L4004R6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com