Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV008-11TI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49LV008-11TI
Description  8-Megabit 1M x 8 3-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV008-11TI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49LV008-11TI Datasheet HTML 1Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 2Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 3Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 4Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 5Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 6Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 7Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 8Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AT49BV/LV008
5
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V
4. Manufacturer Code: 1FH
Device Code: 22H
5. See details under Software Product Identification Entry/Exit.
Note:
1. I
CC in the erase mode is 50 mA.
DC and AC Operating Range
AT49LV008-11
AT49BV/LV008-12
AT49BV008-15
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
3.0V - 3.6V
2.7V - 3.6V/3.0V - 3.6V
2.7V - 3.6V
Operating Modes
Mode
CE
OE
WE
RESET
Ai
I/O
RDY/BUSY
Read
V
IL
V
IL
V
IH
V
IH
Ai
D
OUT
V
OH
Program
(2)
VIL
VIH
VIL
VIH
Ai
DIN
VOL
Standby/Write
Inhibit
VIH
X
(1)
XVIH
X
High Z
VOH
Program Inhibit
X
X
VIH
VIH
VOH
Program Inhibit
X
V
IL
XV
IH
V
OH
Output Disable
X
V
IH
XV
IH
High Z
V
OH
RESET
X
X
X
VIL
X
High Z
Product Identification
Hardware
V
IL
V
IL
V
IH
V
IH
A1 - A19 = V
IL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code
(4)
A1 - A19 = V
IL, A9 = VH,
(3)
A0 = V
IH
Device Code
(4)
Software
(5)
A0 = VIL, A1 - A19 = VIL
Manufacturer Code
(4)
A0 = V
IH, A1 - A19 = VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
1
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
1
µA
I
PD
Power Down Current
RESET = GND
± 0.2V
50
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
50
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
1mA
ICC
(1)
VCC Active Current
f = 5 MHz; IOUT = 0 mA
25
mA
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.45
V
V
OH1
Output High Voltage
I
OH = -400 µA2.4
V


Similar Part No. - AT49LV008-11TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV001 ATMEL-AT49LV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001 ATMEL-AT49LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV001-12JC ATMEL-AT49LV001-12JC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12PC ATMEL-AT49LV001-12PC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12TC ATMEL-AT49LV001-12TC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV008-11TI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com