Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV008-11TI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49LV008-11TI
Description  8-Megabit 1M x 8 3-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV008-11TI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49LV008-11TI Datasheet HTML 1Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 2Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 3Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 4Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 5Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 6Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 7Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 8Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AT49BV/LV008
3
To activate the lockout feature, a series of six program
commands to specific addresses with specific data must be
performed. Please refer to the Command Definitions table.
BOOT BLOCK LOCKOUT DETECTION: A software
method is available to determine if programming of the boot
block section is locked out. When the device is in the soft-
ware product identification mode (see Software Product
Identification Entry and Exit sections) a read from address
location 00002H will show if programming the boot block is
locked out. If the data on I/O0 is low, the boot block can be
programmed; if the data on I/O0 is high, the program lock-
out feature has been activated and the block cannot be
programmed. The software product identification exit code
should be used to return to standard operation.
BOOT BLOCK PROGRAMMING LOCKOUT OVERRIDE:
The user can override the boot block programming lockout
by taking the RESET pin to 12V
± 0.5V. By doing this, pro-
tected boot block data can be altered through a chip erase,
or byte programming. When the RESET pin is brought back
to TTL levels, the boot block programming lockout feature
is again active.
PRODUCT IDENTIFICATION: The product identification
mode identifies the device and manufacturer as Atmel. It
may be accessed by hardware or software operation. The
hardware operation mode can be used by an external pro-
grammer to identify the correct programming algorithm for
the Atmel product.
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING: The AT49BV/LV008 features DATA poll-
ing to indicate the end of a program cycle. During a pro-
gram cycle an attempted read of the last byte loaded will
result in the complement of the loaded data on I/O7. Once
the program cycle has been completed, true data is valid
on all outputs and the next cycle may begin. DATA polling
may begin at any time during the program cycle.
TOG G LE B I T: In ad diti on to D A TA po lling, the
AT49BV/LV008 provides another method for determining
the end of a program or erase cycle. During a program or
erase operation, successive attempts to read data from the
device will result in I/O6 toggling between one and zero.
Once the program cycle has completed, I/O6 will stop tog-
gling and valid data will be read. Examining the toggle bit
may begin at any time during a program cycle.
RDY/BUSY: An open drain READY/BUSY output pin pro-
vides another method of detecting the end of a program or
erase operation. RDY/BUSY is actively pulled low during
the internal program and erase cycles and is released at
the completion of the cycle. The open drain connection
allows for OR - tying of several devices to the same
RDY/BUSY line.
RESET: A RESET input pin is provided to ease some sys-
tem applications. When RESET is at a logic high level, the
device is in its standard operating mode. A low level on the
RESET input halts the present device operation, puts the
outputs of the device in a high impedance state, and
reduces the current drawn by the part to a minimum. If the
RESET pin makes a high to low transition during a program
or erase operation, the operation may not be successfully
completed and the operation will have to be repeated after
a high level is applied to the RESET pin. When a high level
is reasserted on the RESET pin, the device returns to the
read or standby mode, depending upon the state of the
control inputs. By applying a 12V
± 0.5V input signal to the
RESET pin, the boot block array can be reprogrammed
even if the boot block lockout feature has been enabled
(see Boot Block Programming Lockout Override section).
HARDWARE DATA PROTECTION: Hardware features
protect against inadvertent programs to the AT49BV/LV008
in the following ways: (a) V
CC sense: if VCC is below 1.8V
(typical), the program function is inhibited. (b) Program
inhibit: holding any one of OE low, CE high or WE high
inhibits program cycles. (c) Noise filter: pulses of less than
15 ns (typical) on the WE or CE inputs will not initiate a pro-
gram cycle.


Similar Part No. - AT49LV008-11TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV001 ATMEL-AT49LV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001 ATMEL-AT49LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV001-12JC ATMEL-AT49LV001-12JC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12PC ATMEL-AT49LV001-12PC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12TC ATMEL-AT49LV001-12TC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV008-11TI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com