Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV008-11TI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49LV008-11TI
Description  8-Megabit 1M x 8 3-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV008-11TI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49LV008-11TI Datasheet HTML 4Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 5Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 6Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 7Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 8Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 9Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 10Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 11Page - ATMEL Corporation AT49LV008-11TI Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AT49BV/LV008
11
Ordering Information
tACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
120
25
0.05
AT49BV008-12TC
40T
Commercial
(0
° to 70°C)
25
0.05
AT49BV008-12TI
40T
Industrial
(-40
° to 85°C)
150
25
0.05
AT49BV008-15TC
40T
Commercial
(0
° to 70°C)
25
0.05
AT49BV008-15TI
40T
Industrial
(-40
° to 85°C)
110
25
0.05
AT49LV008-11TC
40T
Commercial
(0
° to 70°C)
25
0.05
AT49LV008-11TI
40T
Industrial
(-40
° to 85°C)
120
25
0.05
AT49LV008-12TC
40T
Commercial
(0
° to 70°C)
25
0.05
AT49LV008-12TI
40T
Industrial
(-40
° to 85°C)
Pakage Type
40T
40-Lead, Thin Small Outline Package (TSOP)


Similar Part No. - AT49LV008-11TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV001 ATMEL-AT49LV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001 ATMEL-AT49LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV001-12JC ATMEL-AT49LV001-12JC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12PC ATMEL-AT49LV001-12PC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49LV001-12TC ATMEL-AT49LV001-12TC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV008-11TI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com