Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49HBV010-70TC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49HBV010-70TC
Description  1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49HBV010-70TC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49HBV010-70TC Datasheet HTML 2Page - ATMEL Corporation AT49HBV010-70TC Datasheet HTML 3Page - ATMEL Corporation AT49HBV010-70TC Datasheet HTML 4Page - ATMEL Corporation AT49HBV010-70TC Datasheet HTML 5Page - ATMEL Corporation AT49HBV010-70TC Datasheet HTML 6Page - ATMEL Corporation AT49HBV010-70TC Datasheet HTML 7Page - ATMEL Corporation AT49HBV010-70TC Datasheet HTML 8Page - ATMEL Corporation AT49HBV010-70TC Datasheet HTML 9Page - ATMEL Corporation AT49HBV010-70TC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AT49(H)BV/(H)LV010
6
AC Byte Load Characteristics
AC Byte Load Waveforms
WE Controlled
CE Controlled
Symbol
Parameter
Min
Max
Units
t
AS, tOES
Address, OE Set-up Time
0
ns
t
AH
Address Hold Time
100
ns
t
CS
Chip Select Set-up Time
0
ns
t
CH
Chip Select Hold Time
0
ns
t
WP
Write Pulse Width (WE or CE)200
ns
t
DS
Data Set-up Time
100
ns
t
DH, tOEH
Data, OE Hold Time
0
ns
t
WPH
Write Pulse Width High
200
ns
ADDRESS
CE
DATA IN
WE
tWP
tWPH
tAH
OE
tOES
tAS
tOEH
tCH
tCS
tDS
tDH
ADDRESS
WE
DATA IN
CE
tWP
tWPH
tAH
OE
tOES
tAS
tOEH
tCH
tCS
tDS
tDH


Similar Part No. - AT49HBV010-70TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49HF010 ATMEL-AT49HF010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JC ATMEL-AT49HF010-45JC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JI ATMEL-AT49HF010-45JI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PC ATMEL-AT49HF010-45PC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PI ATMEL-AT49HF010-45PI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49HBV010-70TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
   1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com