Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4606X Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4606X
Description  Thick Film Conformal SIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4606X Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4606X Datasheet HTML 1Page - Bourns Electronic Solutions 4606X Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 2
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
No.
Construction
Element(subpart)
Homogeneous
Material
Material
weight
[g]
Homogeneous
Material\
Substances
CASRN
if applicable
Materials
Mass %
Material
Mass % of
total unit wt.
Subpart
mass of
total wt.
(%)
1
Ceramic substrate
Alumina
0.09762
Aluminum oxide
1344-28-1
96.60
30.051
31.109
Silicon dioxide
14808-60-7
2.10
0.653
Magnesium oxide
1309-48-4
1.10
0.342
Calcium oxide
1305-78-8
0.20
0.062
2
Protective coating
Protective coating
0.00078
Bismuth trioxide
1304-76-3
60.00
0.149
0.249
Silicon dioxide
14808-60-7
35.00
0.087
Chromium III oxide
7440-47-3
5.00
0.012
3
Resistor
Resistive glass
0.00204
Ruthenium dioxide
12036-10-1
15.84
0.103
0.650
Lead oxide
1317-36-8
42.08
0.274
Silicon dioxide
14808-60-7
16.83
0.109
Boron oxide
1303-86-2
5.89
0.038
Aluminum oxide
1344-28-1
16.83
0.109
Zinc oxide
1314-13-2
2.53
0.016
4
Termination
Silver Palladium
glass
0.00354
Silver
7440-22-4
93.63
1.056
1.129
Palladium
7440-05-3
1.02
0.012
Glass
65997-17-3
5.44
0.061
5
Leadframe with
matte tin plating
Steel alloy with tin
plating
0.0552
Iron
7439-89-6
85.86
15.103
17.591
Tin
7440-31-5
14.14
2.487
6
Solder
Solder
0.01998
Tin
7440-31-5
98.5
6.272
6.367
Silver
7440-22-4
1.0
0.064
Copper
7440-50-8
0.5
0.032
Material Number
4606X
Product Line
Thick Film Conformal SIP
Compliance Date
4-12-2010
RoHS Compliant
Yes
MSL
1


Similar Part No. - 4606X

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4606X EBMPAPST-4606X Datasheet
359Kb / 1P
   TUBEAXIAL
logo
Bourns Electronic Solut...
4606X BOURNS-4606X Datasheet
220Kb / 2P
   Thick Film Conformal SIPs Low profi le is compatible with DIPs Ammo-pak packaging available
4606X-1-RC BOURNS-4606X-1-RC Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4606X-101-222 BOURNS-4606X-101-222 Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4606X-101-222 BOURNS-4606X-101-222 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
More results

Similar Description - 4606X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4604X BOURNS-4604X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4608X BOURNS-4608X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4609X BOURNS-4609X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4610X BOURNS-4610X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4614X BOURNS-4614X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4613X BOURNS-4613X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4607X BOURNS-4607X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4611X BOURNS-4611X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com