Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1GM Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # S1GM
Description  1.0AMP Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1GM Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  S1GM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1GM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1GM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1GM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Min
Max
Min
Max
A
2.30
2.70
0.091
0.106
B
2.10
2.30
0.083
0.091
C
0.63
0.73
0.025
0.029
D
0.10
0.20
0.004
0.008
E
1.15
1.35
0.045
0.053
F
0.65
0.85
0.026
0.034
G
1.15
1.35
0.045
0.053
H
0.75
0.95
0.030
0.037
I
1.10
1.50
0.043
0.059
J
0.55
0.75
0.022
0.030
K
0.55
0.75
0.022
0.030
L
0.65
0.85
0.026
0.034
P
=Device Name Code
YW
=Date Code
Package Outline Dimensions
DIM.
Unit(mm)
Unit(inch)
Marking Diagram


Similar Part No. - S1GM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM Datasheet
352Kb / 3P
   Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S1GMH TS-S1GMH Datasheet
567Kb / 6P
   1A, 400V - 600V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S1GMH TSC-S1GMH Datasheet
567Kb / 6P
   1A, 400V - 600V Standard Surface Mount Rectifier
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
   Surface Mount Rectifier
More results

Similar Description - S1GM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1A TSC-S1A_11 Datasheet
196Kb / 2P
   1.0AMP Surface Mount Rectifiers
S1AB TSC-S1AB_13 Datasheet
252Kb / 4P
   1.0AMP Surface Mount Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
   1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Chongqing Pingwei Enter...
S1A CHONGQING-S1A_16 Datasheet
198Kb / 1P
   1.0AMP. SURFACE MOUNT RECTIFIERS
M1 CHONGQING-M1_16 Datasheet
199Kb / 1P
   1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Hi-Sincerity Mocroelect...
HSMA400X HSMC-HSMA400X Datasheet
40Kb / 3P
   1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AB TSC-S1AB_11 Datasheet
181Kb / 2P
   1.0AMP Surface Mount Rectifiers
S1AL TSC-S1AL_11 Datasheet
190Kb / 2P
   1.0AMP Surface Mount Rectifiers
logo
DIYI Electronic Technol...
ER1A DYELEC-ER1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com