Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1ML Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # HS1ML
Description  1.0AMP High Efficient Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS1ML Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  HS1ML Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS1ML Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS1ML Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS1ML Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Symbol
A
B
C
D
E
Min
Max
Min
Max
B
1.70
1.90
0.067
0.075
C
2.70
2.90
0.106
0.114
D
0.16
0.30
0.006
0.012
E
1.23
1.43
0.048
0.056
F
0.80
1.20
0.031
0.047
G
3.40
3.80
0.134
0.150
H
2.45
2.60
0.096
0.102
I
0.35
0.85
0.014
0.033
J
0.00
0.10
0.000
0.004
P/NL =
Specific Device Code
G =
Green Compound
YW =
Date Code
Suggested PAD Layout
Unit(mm)
1.4
1.2
Package Outline Dimensions
DIM.
Unit(mm)
Unit(inch)
Marking Diagram
3.1
1.9
4.3


Similar Part No. - HS1ML

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HS1ML HY-HS1ML Datasheet
420Kb / 3P
   Surface Mount High Efficiency (Ultra Fast) Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
HS1MLW TSC-HS1MLW Datasheet
202Kb / 4P
   1A, 200V - 1000V High Efficient Surface Mount Rectifiers
More results

Similar Description - HS1ML

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
US1A TSC-US1A_11 Datasheet
151Kb / 2P
   1.0AMP. High Efficient Surface Mount Rectifiers
US1A TSC-US1A_13 Datasheet
294Kb / 4P
   1.0AMP. High Efficient Surface Mount Rectifiers
US1MR2 TSC-US1MR2 Datasheet
212Kb / 2P
   1.0AMP. High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
US1A LUGUANG-US1A Datasheet
196Kb / 2P
   1.0AMP. Surface Mount High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A_11 Datasheet
216Kb / 2P
   1.0AMP High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
   1.0AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
S1A TSC-S1A_11 Datasheet
196Kb / 2P
   1.0AMP Surface Mount Rectifiers
S1GM TSC-S1GM Datasheet
312Kb / 4P
   1.0AMP Surface Mount Rectifiers
S1AB TSC-S1AB_13 Datasheet
252Kb / 4P
   1.0AMP Surface Mount Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
   1.0AMP. SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com