Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1004CDE4-2-5 Datasheet(PDF) 1 Page - Texas Instruments

Part # LT1004CDE4-2-5
Description  MICROPOWER INTEGRATED VOLTAGE REFERENCES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1004CDE4-2-5 Datasheet(HTML) 1 Page - Texas Instruments

  LT1004CDE4-2-5 Datasheet HTML 1Page - Texas Instruments LT1004CDE4-2-5 Datasheet HTML 2Page - Texas Instruments LT1004CDE4-2-5 Datasheet HTML 3Page - Texas Instruments LT1004CDE4-2-5 Datasheet HTML 4Page - Texas Instruments LT1004CDE4-2-5 Datasheet HTML 5Page - Texas Instruments LT1004CDE4-2-5 Datasheet HTML 6Page - Texas Instruments LT1004CDE4-2-5 Datasheet HTML 7Page - Texas Instruments LT1004CDE4-2-5 Datasheet HTML 8Page - Texas Instruments LT1004CDE4-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LT1004-1.2, LT1004-2.5
MICROPOWER INTEGRATED VOLTAGE REFERENCES
SLVS022M − JANUARY 1989 − REVISED MAY 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Initial Accuracy
±4 mV for LT1004-1.2
±20 mV for LT1004-2.5
D Micropower Operation
D Operates up to 20 mA
D Very Low Reference Impedance
D Applications:
− Portable Meter Reference
− Portable Test Instruments
− Battery-Operated Systems
− Current-Loop Instrumentation
description/ordering information
The LT1004 micropower voltage reference is a
two-terminal band-gap reference diode designed
to
provide
high
accuracy
and
excellent
temperature characteristics at very low operating
currents. Optimizing the key parameters in the
design, processing, and testing of the device
results in specifications previously attainable only
with selected units.
The LT1004 is a pin-for-pin replacement for the LM285 and LM385 series of references, with improved
specifications. It is an excellent device for use in systems in which accuracy previously was attained at the
expense of power consumption and trimming.
The LT1004C is characterized for operation from 0
°C to 70°C. The LT1004I is characterized for operation from
−40
°C to 85°C.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
NC
NC
ANODE
CATHODE
NC
CATHODE
NC
D OR PW PACKAGE
(TOP VIEW)
ANODE
CATHODE
NC
NC − No internal connection
Terminals 6 and 8 are internally connected.
NC − No internal connection


Similar Part No. - LT1004CDE4-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1004CDE4-2-5 TI-LT1004CDE4-2-5 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results

Similar Description - LT1004CDE4-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004CDRG4-1-2 TI-LT1004CDRG4-1-2 Datasheet
790Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com