Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3985IM5X-4.7 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3985IM5X-4.7
Description  LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3985IM5X-4.7 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3985IM5X-4.7 Datasheet HTML 3Page - Texas Instruments LP3985IM5X-4.7 Datasheet HTML 4Page - Texas Instruments LP3985IM5X-4.7 Datasheet HTML 5Page - Texas Instruments LP3985IM5X-4.7 Datasheet HTML 6Page - Texas Instruments LP3985IM5X-4.7 Datasheet HTML 7Page - Texas Instruments LP3985IM5X-4.7 Datasheet HTML 8Page - Texas Instruments LP3985IM5X-4.7 Datasheet HTML 9Page - Texas Instruments LP3985IM5X-4.7 Datasheet HTML 10Page - Texas Instruments LP3985IM5X-4.7 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LP3985
www.ti.com
SNVS087AC – OCTOBER 2000 – REVISED MAY 2013
Recommended Output Capacitor
Limit
Nominal
Symbol
Parameter
Conditions
Units
Value
Min
Max
COUT
Output Capacitor
Capacitance(1)
1.0
0.7
µF
ESR
5
500
m
Ω
(1)
The minimum value of capacitance for stability and correct operation is 0.7µF. The Capacitor tolerance should be ± 30% or better over
the temperature range. The full range of operating conditions for the capacitor in the application should be considered during device
selection to ensure this minimum capacitance specification is met. The recommended capacitor type is X7R to meet the full device
temperature spec of -40ºC to 125ºC. See the capacitor section in Application Hints.
Timing Diagrams
Figure 5. Line Transient Input Test Signal
Figure 6. PSRR Input Test Signal
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3985


Similar Part No. - LP3985IM5X-4.7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985IM5X-4.7 NSC-LP3985IM5X-4.7 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985IM5X-4.7 TI-LP3985IM5X-4.7 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-4.7/NOPB TI1-LP3985IM5X-4.7/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985IM5X-4.7/NOPB TI1-LP3985IM5X-4.7/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3985IM5X-4.7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com