Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2966IMM-2828 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2966IMM-2828
Description  Dual 150mA Ultra Low-Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2966IMM-2828 Datasheet(HTML) 5 Page - Texas Instruments

  LP2966IMM-2828 Datasheet HTML 1Page - Texas Instruments LP2966IMM-2828 Datasheet HTML 2Page - Texas Instruments LP2966IMM-2828 Datasheet HTML 3Page - Texas Instruments LP2966IMM-2828 Datasheet HTML 4Page - Texas Instruments LP2966IMM-2828 Datasheet HTML 5Page - Texas Instruments LP2966IMM-2828 Datasheet HTML 6Page - Texas Instruments LP2966IMM-2828 Datasheet HTML 7Page - Texas Instruments LP2966IMM-2828 Datasheet HTML 8Page - Texas Instruments LP2966IMM-2828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LP2966
www.ti.com
SNVS028E – APRIL 2000 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard typeface are for Tj = 25°C, and limits in boldface type apply over the full operating junction temperature
range. Unless otherwise specified, VIN = VO(NOM) + 1V
(1), C
OUT = 1µF, IOUT = 1mA, CIN = 1µF, VSD1 = VSD2 = VIN.
LP2966IMM(3)
Symbol
Parameter
Conditions
Typ(2)
Unit
Min
Max
Over Temperature Protection
Tsh(t)
Shutdown Threshold
165
°C
Tsh(h)
Thermal Shutdown
25
°C
Hysteresis
Shutdown Input
VSDT
Shutdown Threshold(12)
Output = Low
0
0.1
V
Output = High
VIN
VIN - 0.1
TdOFF
Turn-off Delay(13)
IL = 100 mA
20
µsec
TdON
Turn-on Delay(13)
IL = 100 mA
25
µsec
ISD
SD Input Current
VSD = VIN
1
nA
VSD = 0 V
1
Error Flag Comparators
VT
Threshold (output goes
See(14)
10
5
16
%
high to low)
VTH
Threshold Hysteresis
See(14)
5
2
8
%
VERR(Sat)
Error Flag Saturation
IFsink = 100µA
0.015
0.1
V
IEF(leak)
Error Flag Pin Leakage
1
nA
Current
I(EFsink)
Error Flag Pin Sink
1
mA
Current
AC Parameters
PSRR
Ripple Rejection
VIN = VOUT + 1V, f = 120Hz,
60
VOUT = 3.3V
dB
VIN = VOUT + 0.3V, f = 120Hz,
40
VOUT = 3.3V
ρn(1/f)
Output Noise Density
f =120Hz
1
µV/
√Hz
en
Output Noise Voltage
BW = 10Hz
− 100kHz,
150
(rms)
COUT = 10µF
µV(rms)
BW = 300Hz
− 300kHz,
100
COUT = 10µF
(12) VSDT is the shutdown pin voltage threshold below which the output is disabled.
(13) Turn-on delay is the time interval between the low to high transition on the shutdown pin to the output voltage settling to within 5% of the
nominal value. Turn-off delay is the time interval between the high to low transition on the shutdown pin to the output voltage dropping
below 50% of the nominal value. The external load impedance influences the output voltage decay in shutdown mode.
(14) Error Flag threshold and hysteresis are specified as the percentage below the regulated output voltage.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2966


Similar Part No. - LP2966IMM-2828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966IMM-2828 NSC-LP2966IMM-2828 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMM-2828/NOPB TI-LP2966IMM-2828/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
More results

Similar Description - LP2966IMM-2828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
National Semiconductor ...
LP2966EP NSC-LP2966EP Datasheet
516Kb / 15P
   Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com