Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2986 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2986
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986 Datasheet(HTML) 5 Page - Texas Instruments

  LP2986 Datasheet HTML 1Page - Texas Instruments LP2986 Datasheet HTML 2Page - Texas Instruments LP2986 Datasheet HTML 3Page - Texas Instruments LP2986 Datasheet HTML 4Page - Texas Instruments LP2986 Datasheet HTML 5Page - Texas Instruments LP2986 Datasheet HTML 6Page - Texas Instruments LP2986 Datasheet HTML 7Page - Texas Instruments LP2986 Datasheet HTML 8Page - Texas Instruments LP2986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LP2986
www.ti.com
SNVS137H – MARCH 1999 – REVISED APRIL 2013
Electrical Characteristics (continued)
Limits in standard typeface are for T J = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VS/D = 2V.
LM2986AI-X.X(1)
LM2986I-X.X(1)
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Min
Max
FEEDBACK PIN
VFB
1.21
1.25
1.20
1.26
1.23
Feedback Pin Voltage
1.20
1.26
1.19
1.27
V
See(5)
1.23
1.19
1.28
1.18
1.29
FB Pin Voltage
See(6)
20
ppm/°C
Temperature Coefficient
IFB
330
330
Feedback Pin Bias Current
IL = 200 mA
150
nA
760
760
FB Pin Bias Current
See(6)
0.1
nA/°C
Temperature Coefficient
SHUTDOWN INPUT
VS/D
VH = O/P ON
1.4
1.6
1.6
S/D Input Voltage(7)
V
VL = O/P OFF
0.55
0.18
0.18
IS/D
VS/D = 0
0
−1
−1
S/D Input Current
µA
VS/D = 5V
5
15
15
ERROR COMPARATOR
IOH
1
1
Output “HIGH” Leakage
VOH = 16V
0.01
µA
2
2
VOL
220
220
VIN = VO(NOM) − 0.5V,
Output “LOW” Voltage
150
mV
IO(COMP) = 300 µA
350
350
VTHR
−5.5
−3.5
−5.5
−3.5
Upper Threshold Voltage
−4.6
(MAX)
−7.7
−2.5
−7.7
−2.5
VTHR
−8.9
−4.9
−8.9
−4.9
%VOUT
Lower Threshold Voltage
−6.6
(MIN)
−13.0
−3.3
−13.0
−3.3
HYST
Hysteresis
2.0
(5)
VFB ≤ VOUT ≤ (VIN − 1), 2.5V ≤ VIN ≤ 16V, 100 µA ≤ IL ≤ 200 mA, TJ ≤ 125°C.
(6)
Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
(7)
To prevent mis-operation, the Shutdown input must be driven by a signal that swings above VH and below VL with a slew rate not less
than 40 mV/µs (see Application Hints).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2986


Similar Part No. - LP2986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
logo
Texas Instruments
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3 TI-LP2986AILD-3.3 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILD-3.3/NOPB TI1-LP2986AILD-3.3/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986AILDX-3.3 TI-LP2986AILDX-3.3 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
More results

Similar Description - LP2986

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2986 TI1-LP2986 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
logo
National Semiconductor ...
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
logo
Texas Instruments
LP2986ILD-3.3 TI-LP2986ILD-3.3 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2986 TI-LP2986_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP2986 Micropower, 200-mA Ultra-Low-Dropout Fixed or Adjustable Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
National Semiconductor ...
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com