Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2966IMM-1833 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2966IMM-1833
Description  Dual 150mA Ultra Low-Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2966IMM-1833 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2966IMM-1833 Datasheet HTML 2Page - Texas Instruments LP2966IMM-1833 Datasheet HTML 3Page - Texas Instruments LP2966IMM-1833 Datasheet HTML 4Page - Texas Instruments LP2966IMM-1833 Datasheet HTML 5Page - Texas Instruments LP2966IMM-1833 Datasheet HTML 6Page - Texas Instruments LP2966IMM-1833 Datasheet HTML 7Page - Texas Instruments LP2966IMM-1833 Datasheet HTML 8Page - Texas Instruments LP2966IMM-1833 Datasheet HTML 9Page - Texas Instruments LP2966IMM-1833 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LP2966
SNVS028E – APRIL 2000 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VIN =VO(NOM) + 1V, VOUT= 3.3V, COUT =1µF, IOUT = 1mA, CIN =1µF, VSD1 = VSD2 = VIN, and TA =
25°C.
Ground Pin Current vs Supply Voltage (one LDO on)
Ground Pin Current vs Supply Voltage (both LDOs on)
Figure 2.
Figure 3.
Ground Pin Current vs Load Current over temperature
Ground Pin Current vs Load Current over temperature
(one LDO on)
(both LDOs on)
Figure 4.
Figure 5.
Output Voltage vs Temperature
Drop-out Voltage vs Temperature
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2966


Similar Part No. - LP2966IMM-1833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966IMM-1833 NSC-LP2966IMM-1833 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMM-1833/NOPB TI-LP2966IMM-1833/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
More results

Similar Description - LP2966IMM-1833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
National Semiconductor ...
LP2966EP NSC-LP2966EP Datasheet
516Kb / 15P
   Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com