Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1014MJ Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1014MJ
Description  Single Supply Operation Input Voltage Range Extends to Ground
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1014MJ Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1014MJ Datasheet HTML 1Page - Linear Integrated Systems LT1014MJ Datasheet HTML 2Page - Linear Integrated Systems LT1014MJ Datasheet HTML 3Page - Linear Integrated Systems LT1014MJ Datasheet HTML 4Page - Linear Integrated Systems LT1014MJ Datasheet HTML 5Page - Linear Integrated Systems LT1014MJ Datasheet HTML 6Page - Linear Integrated Systems LT1014MJ Datasheet HTML 7Page - Linear Integrated Systems LT1014MJ Datasheet HTML 8Page - Linear Integrated Systems LT1014MJ Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT1013/LT1014

10134fd
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
LT1013AM/AC
LT1014AM/AC
LT1013C/D/I/M
LT1014C/D/I/M
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1013
LT1014
LT1013D/I, LT1014D/I
40
50
150
180
60
60
200
300
300
800
µV
µV
µV
Long-Term Input Offset Voltage
Stability
0.4
0.5
µV/Mo.
ISO
Input Offset Current
0.15
0.8
0.2
1.5
nA
IB
Input Bias Current
12
20
15
30
nA
en
Input Noise Voltage
0.1Hz to 10Hz
0.55
0.55
µVP-P
en
Input Noise Voltage Density
fO = 10Hz
fO = 1000Hz
24
22
24
22
nV/√Hz
nV/√Hz
in
Input Noise Current Density
fO = 10Hz
0.07
0.07
pA/√Hz
Input Resistance – Differential
Common Mode
(Note 2)
100
400
5
70
300
4
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
VO = ±10V, RL = 600Ω
1.5
0.8
8.0
2.5
1.2
0.5
7.0
2.0
V/µV
V/µV
Input Voltage Range
13.5
–15.0
13.8
–15.3
13.5
–15.0
13.8
–15.3
V
V
CMRR
Common Mode Rejection Ratio
VCM = 13.5V, –15.0V
100
117
97
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
103
120
100
117
dB
Channel Separation
VO = ±10V, RL = 2k
123
140
120
137
dB
VOUT
Output Voltage Swing
RL = 2k
±13
±14
±12.5
±14
V
Slew Rate
0.2
0.4
0.2
0.4
V/µs
IS
Supply Current
Per Amplifier
0.35
0.50
0.35
0.55
mA
TA = 25°C. VS = ±15V, VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
LT1013AM/AC
LT1014AM/AC
LT1013C/D/I/M
LT1014C/D/I/M
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1013
LT1014
LT1013D/I, LT1014D/I
60
70
250
280
90
90
250
450
450
950
µV
µV
µV
IOS
Input Offset Current
0.2
1.3
0.3
2.0
nA
IB
Input Bias Current
15
35
18
50
nA
AVOL
Large-Signal Voltage Gain
VO = 5mV to 4V, RL = 500Ω
1.0
1.0
V/µV
Input Voltage Range
3.5
3.8
– 0.3
3.5
0
3.8
– 0.3
V
V
VOUT
Output Voltage Swing
Output Low, No Load
Output Low, 600Ω to Ground
Output Low, ISINK = 1mA
Output High, No Load
Output High, 600Ω to
Ground
4.0
3.4
15
5
220
4.4
4.0
25
10
350
4.0
3.4
15
5
220
4.4
4.0
25
10
350
mV
mV
mV
V
V
IS
Supply Current
Per Amplifier
0.31
0.45
0.32
0.50
mA
TA = 25°C. VS+ = 5V, VS– = 0V, VOUT = 1.4V, VCM = 0V unless otherwise noted


Similar Part No. - LT1014MJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014MJ TI-LT1014MJ Datasheet
631Kb / 30P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1014MJ LINER-LT1014MJ Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014MJ LINER-LT1014MJ Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Texas Instruments
LT1014MJ TI-LT1014MJ Datasheet
869Kb / 32P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Integrated Syste...
LT1014MJ LINEAR-LT1014MJ Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1014MJ

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014AMJ LINEAR-LT1014AMJ Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
logo
Maxim Integrated Produc...
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
   Differential Input Voltage Range Equal to Power Supply Voltage
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com