Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1813 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1813
Description  Dual and Quad 25MHz, 600V/s Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1813 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1813 Datasheet HTML 1Page - Linear Integrated Systems LT1813 Datasheet HTML 2Page - Linear Integrated Systems LT1813 Datasheet HTML 3Page - Linear Integrated Systems LT1813 Datasheet HTML 4Page - Linear Integrated Systems LT1813 Datasheet HTML 5Page - Linear Integrated Systems LT1813 Datasheet HTML 6Page - Linear Integrated Systems LT1813 Datasheet HTML 7Page - Linear Integrated Systems LT1813 Datasheet HTML 8Page - Linear Integrated Systems LT1813 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1358/LT1359
135859fb
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
0.8
mV
±5V
0.8
mV
±2.5V
1.0
mV
Input VOS Drift
(Note 6)
±2.5V to ±15V
58
µV/°C
IOS
Input Offset Current
±2.5V to ±15V
180
nA
IB
Input Bias Current
±2.5V to ±15V
750
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
81
dB
VCM = ±2.5V
±5V
77
dB
VCM = ±0.5V
±2.5V
67
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
90
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 1k
±15V
15
V/mV
VOUT = ±10V, RL = 500Ω
±15V
5V/mV
VOUT = ±2.5V, RL = 1k
±5V
15
V/mV
VOUT = ±2.5V, RL = 500Ω
±5V
5V/mV
VOUT = ±2.5V, RL = 150Ω
±5V
1V/mV
VOUT = ±1V, RL = 500Ω
±2.5V
5V/mV
VOUT
Output Swing
RL = 1k, VIN = ±40mV
±15V
13.2
±V
RL = 500Ω, VIN = ±40mV
±15V
12.2
±V
RL = 500Ω, VIN = ±40mV
±5V
3.4
±V
RL = 150Ω, VIN = ±40mV
±5V
2.8
±V
RL = 500Ω, VIN = ±40mV
±2.5V
1.2
±V
IOUT
Output Current
VOUT = ±12.2V
±15V
24.4
mA
VOUT = ±2.8V
±5V
18.7
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ± 3V
±15V
25
mA
SR
Slew Rate
AV = – 2, (Note 4)
±15V
225
V/
µs
±5V
125
V/
µs
GBW
Gain Bandwidth
f = 200kHz, RL = 2k
±15V
15
MHz
±5V
12
MHz
Channel Separation
VOUT = ±10V, RL = 500Ω
±15V
98
dB
IS
Supply Current
Each Amplifier
±15V
2.9
mA
Each Amplifier
±5V
2.8
mA
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the temperature range
0
°C ≤ TA ≤ 70°C, VCM = 0V unless otherwise noted.
Differential Gain
f = 3.58MHz, AV = 2, RL = 1k
±15V
0.1
%
±5V
0.1
%
Differential Phase
f = 3.58MHz, AV = 2, RL = 1k
±15V
0.50
Deg
±5V
0.35
Deg
RO
Output Resistance
AV = 1, f = 100kHz
±15V
0.3
Channel Separation
VOUT = ±10V, RL = 500Ω
±15V
100
113
dB
IS
Supply Current
Each Amplifier
±15V
2.0
2.5
mA
Each Amplifier
±5V
1.9
2.4
mA
TA = 25°C, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS


Similar Part No. - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
logo
List of Unclassifed Man...
LT1813 ETC1-LT1813 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1813 LINER-LT1813 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
LT1813 LINER-LT1813 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1358 LINER-LT1358_15 Datasheet
483Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
LT1359 LINER-LT1359_15 Datasheet
483Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
   Dual and Quad 25MHz, 600V/us Op Amps
LT1357 LINER-LT1357_15 Datasheet
261Kb / 12P
   25MHz, 600V/s Op Amp
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
   Dual and Quad 50MHz, 800V/s Op Amps
LT1355 LINER-LT1355_15 Datasheet
681Kb / 16P
   Dual and Quad 12MHz, 400V/s Op Amps
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
   Dual and Quad 45MHz, 400V/s Op Amps
LT1209 LINER-LT1209_15 Datasheet
276Kb / 12P
   Dual and Quad 45MHz, 400V/s Op Amps
LT1364 LINER-LT1364_15 Datasheet
229Kb / 12P
   Dual and Quad 70MHz, 1000V/s Op Amps
LT1365 LINER-LT1365_15 Datasheet
229Kb / 12P
   Dual and Quad 70MHz, 1000V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com