Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBMG13C3PJF225 Datasheet(PDF) 9 Page - ITT Industries

Part # DBMG13C3PJF225
Description  A Historical Achievement of Technology Leadership
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMG13C3PJF225 Datasheet(HTML) 9 Page - ITT Industries

Back Button DBMG13C3PJF225 Datasheet HTML 5Page - ITT Industries DBMG13C3PJF225 Datasheet HTML 6Page - ITT Industries DBMG13C3PJF225 Datasheet HTML 7Page - ITT Industries DBMG13C3PJF225 Datasheet HTML 8Page - ITT Industries DBMG13C3PJF225 Datasheet HTML 9Page - ITT Industries DBMG13C3PJF225 Datasheet HTML 10Page - ITT Industries DBMG13C3PJF225 Datasheet HTML 11Page - ITT Industries DBMG13C3PJF225 Datasheet HTML 12Page - ITT Industries DBMG13C3PJF225 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
9
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Coax 90° PCB Plug DE-DC
Coaxial 90° PCB Plug, sizes DE – DC, with metal bracket
INDUSTRIAL – US
INDUSTRIAL – EU**
MILITARY/HI-REL – US
NON-MAGNETIC-LOWOUTGASSING–US***
75 Ohm* coax inserted with
75 Ohm* coax inserted with
50 Ohm* coax inserted with
50 Ohm* coax inserted with
US footprint metal bracket
EU footprint metal bracket
US footprint metal bracket
US footprint metal bracket
and UNC 4-40 captive nut
and UNC 4-40 captive nut
and UNC 4-40 screw lock
and UNC 4-40 screw lock
Shell Layout P/N without
P/N with
P/N without
P/N with
P/N without
P/N with
P/N with
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Cadmium Plating
Gold Plating
DE
2W2
DEMP2C2P-JK87
DEMC2C2P-JK87
DEMP2C2P-VK87
DEMC2C2P-VK87
DEMMD2X2P-J
DEMMG2X2P-J
DEM2X2P-JNMB
DEM2X2P-JNMBK52
DE
2WK2
DEMP2CK2P-JK87
DEMC2CK2P-JK87
DEMP2CK2P-VK87
DEMC2CK2P-VK87
DEMMD2XK2P-J
DEMMG2XK2P-J
DEM2XK2P-JNMB
DEM2XK2P-JNMBK52
DE
5W1
DEMP5C1P-JK87
DEMC5C1P-JK87
DEMP5C1P-VK87
DEMC5C1P-VK87
DEMMD5X1P-J
DEMMG5X1P-J
DEM5X1P-JNMB
DEM5X1P-JNMBK52
DA
7W2
DAMP7C2P-JK87
DAMC7C2P-JK87
DAMP7C2P-VK87
DAMC7C2P-VK87
DAMMD7X2P-J
DAMMG7X2P-J
DAM7X2P-JNMB
DAM7X2P-JNMBK52
DA
11W1
DAMP11C1P-JK87
DAMC11C1P-JK87
DAMP11C1P-VK87
DAMC11C1P-VK87
DAMMD11X1P-J
DAMMG11X1P-J
DAM11X1P-JNMB
DAM11X1P-JNMBK52
DA
3W3
DAMP3C3P-JK87
DAMC3C3P-JK87
DAMP3C3P-VK87
DAMC3C3P-VK87
DAMMD3X3P-J
DAMMG3X3P-J
DAM3X3P-JNMB
DAM3X3P-JNMBK52
DA
3WK3
DAMP3CK3P-JK87
DAMC3CK3P-JK87
DAMP3CK3P-VK87
DAMC3CK3P-VK87
DAMMD3XK3P-J
DAMMG3XK3P-J
DAM3XK3P-JNMB
DAM3XK3P-JNMBK52
DB
5W5
DBMP5C5P-JK87
DBMC5C5P-JK87
DBMP5C5P-VK87
DBMC5C5P-VK87
DBMMD5X5P-J
DBMMG5X5P-J
DBM5X5P-JNMB
DBM5X5P-JNMBK52
DB
9W4
DBMP9C4P-JK87
DBMC9C4P-JK87
DBMP9C4P-VK87
DBMC9C4P-VK87
DBMMD9X4P-J
DBMMG9X4P-J
DBM9X4P-JNMB
DBM9X4P-JNMBK52
DB
13W3
DBMP13C3P-JK87
DBMC13C3P-JK87
DBMP13C3P-VK87
DBMC13C3P-VK87
DBMMD13X3P-J
DBMMG13X3P-J
DBM13X3P-JNMB
DBM13X3P-JNMBK52
DB
17W2
DBMP17C2P-JK87
DBMC17C2P-JK87
DBMP17C2P-VK87
DBMC17C2P-VK87
DBMMD17X2P-J
DBMMG17X2P-J
DBM17X2P-JNMB
DBM17X2P-JNMBK52
DB
21W1
DBMP21C1P-JK87
DBMC21C1P-JK87
DBMP21C1P-VK87
DBMC21C1P-VK87
DBMMD21X1P-J
DBMMG21X1P-J
DBM21X1P-JNMB
DBM21X1P-JNMBK52
DC
8W8
DCMP8C8P-JK87
DCMC8C8P-JK87
DCMP8C8P-VK87
DCMC8C8P-VK87
DCMMD8X8P-J
DCMMG8X8P-J
DCM8X8P-JNMB
DCM8X8P-JNMBK52
DC
13W6
DCMP13C6P-JK87
DCMC13C6P-JK87
DCMP13C6P-VK87
DCMC13C6P-VK87
DCMMD13X6P-J
DCMMG13X6P-J
DCM13X6P-JNMB
DCM13X6P-JNMBK52
DC
17W5
DCMP17C5P-JK87
DCMC17C5P-JK87
DCMP17C5P-VK87
DCMC17C5P-VK87
DCMMD17X5P-J
DCMMG17X5P-J
DCM17X5P-JNMB
DCM17X5P-JNMBK52
DC
21WA4
DCMP21CA4P-JK87
DCMC21CA4P-JK87
DCMP21CA4P-VK87
DCMC21CA4P-VK87
DCMMD21XA4P-J
DCMMG21XA4P-J
DCM21CX4P-JNMB
DCM21XA4P-JNMBK52
DC
25W3
DCMP25C3P-JK87
DCMC25C3P-JK87
DCMP25C3P-VK87
DCMC25C3P-VK87
DCMMD25X3P-J
DCMMG25X3P-J
DCM25X3P-JNMB
DCM25X3P-JNMBK52
DC
27W2
DCMP27C2P-JK87
DCMC27C2P-JK87
DCMP27C2P-VK87
DCMC27C2P-VK87
DCMMD27X2P-J
DCMMG27X2P-J
DCM27X2P-JNMB
DCM27X2P-JNMBK52
* For 50 ohm coaxial inserts replace C with X, e.g.:DCM13C6P-J becomes DCM13X6P-J. **For M-3 hardware, see part number designator, page 7.
*** Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D- Contact factory for more information
Shell
A
B
C
D
E
F
W
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145)
± 0,41 (.016)
± 0,25 (.010)
DE
30,81(1.213)
16,92(.665)
24,99(.984)
8,36(.329)
12,55(.494)
10,72(.422)
6,693(.2635)
0,76(.030)
DA
39,14(1.541)
25,25(.994)
33,32(1.312)
8,36(.329)
12,55(.494)
10,72(.422)
6,693(.2635)
0,76(.030)
DB
53,04(2.088)
38,96(1.534)
47,04(1.852)
8,36(.329)
12,55(.494)
10,82(.426)
6,84(.269)
0,99(.039)
DC
69,32(2.729)
55,42(2.182)
63,50(2,500)
8,36(.329)
12,55(.494)
10,82(.426)
6,84(.269)
0,99(.039)
Dimensions
Plug
Forcontactcavityarrangements,seepage61.
Forpcbholepattern,seepages67-68.
Formountingmethods,seepages59-60.
For 50 ohm coaxial version, see readers resource
section page 63..


Similar Part No. - DBMG13C3PJF225

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMG13C3PJF225 ITT-DBMG13C3PJF225 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMG13C3PJF225 ITT-DBMG13C3PJF225 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
More results

Similar Description - DBMG13C3PJF225

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMN-25S-N-A197 ITT-DBMN-25S-N-A197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DEMP2C2P-JK87 ITT-DEMP2C2P-JK87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMM-9W4P ITT-DBMM-9W4P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DCMM8W8P ITT-DCMM8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DDMN-50P-N-K87 ITT-DDMN-50P-N-K87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
M85049 ITT-M85049 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
DBMC13C3SJA197 ITT-DBMC13C3SJA197 Datasheet
4Mb / 103P
   A Historical Achievement of Technology Leadership
192990-0350 ITT-192990-0350_11 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com