Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB321B-RC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT45DB321B-RC
Description  32-megabit 2.7-volt Only DataFlash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321B-RC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT45DB321B-RC Datasheet HTML 6Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 7Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 8Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 9Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 10Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 11Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 12Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 13Page - ATMEL Corporation AT45DB321B-RC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
AT45DB321B
2223D–DFLASH–10/02
Note:
In Tables 2 and 3, an SCK mode designation of “Any” denotes any one of the four modes of operation (Inactive Clock Polarity
Low, Inactive Clock Polarity High, SPI Mode 0, or SPI Mode 3).
Table 1. Read Commands
Command
SCK Mode
Opcode
Continuous Array Read
Inactive Clock Polarity Low or High
68H
SPI Mode 0 or 3
E8H
Main Memory Page Read
Inactive Clock Polarity Low or High
52H
SPI Mode 0 or 3
D2H
Buffer 1 Read
Inactive Clock Polarity Low or High
54H
SPI Mode 0 or 3
D4H
Buffer 2 Read
Inactive Clock Polarity Low or High
56H
SPI Mode 0 or 3
D6H
Status Register Read
Inactive Clock Polarity Low or High
57H
SPI Mode 0 or 3
D7H
Table 2. Program and Erase Commands
Command
SCK Mode
Opcode
Buffer 1 Write
Any
84H
Buffer 2 Write
Any
87H
Buffer 1 to Main Memory Page Program with Built-in Erase
Any
83H
Buffer 2 to Main Memory Page Program with Built-in Erase
Any
86H
Buffer 1 to Main Memory Page Program without Built-in Erase
Any
88H
Buffer 2 to Main Memory Page Program without Built-in Erase
Any
89H
Page Erase
Any
81H
Block Erase
Any
50H
Main Memory Page Program through Buffer 1
Any
82H
Main Memory Page Program through Buffer 2
Any
85H
Table 3. Additional Commands
Command
SCK Mode
Opcode
Main Memory Page to Buffer 1 Transfer
Any
53H
Main Memory Page to Buffer 2 Transfer
Any
55H
Main Memory Page to Buffer 1 Compare
Any
60H
Main Memory Page to Buffer 2 Compare
Any
61H
Auto Page Rewrite through Buffer 1
Any
58H
Auto Page Rewrite through Buffer 2
Any
59H


Similar Part No. - AT45DB321B-RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321B ATMEL-AT45DB321B Datasheet
84Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DB321B ATMEL-AT45DB321B_14 Datasheet
253Kb / 32P
   Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT45DB321B-RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com