Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013IN8 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LT1013IN8
Description  Single Supply Operation Input Voltage Range Extends to Ground
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1013IN8 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LT1013IN8 Datasheet HTML 3Page - Linear Integrated Systems LT1013IN8 Datasheet HTML 4Page - Linear Integrated Systems LT1013IN8 Datasheet HTML 5Page - Linear Integrated Systems LT1013IN8 Datasheet HTML 6Page - Linear Integrated Systems LT1013IN8 Datasheet HTML 7Page - Linear Integrated Systems LT1013IN8 Datasheet HTML 8Page - Linear Integrated Systems LT1013IN8 Datasheet HTML 9Page - Linear Integrated Systems LT1013IN8 Datasheet HTML 10Page - Linear Integrated Systems LT1013IN8 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT1013/LT1014

10134fd
Typical perForMance characTerisTics
Offset Voltage Drift with
Temperature of Representative
Units
TEMPERATURE (°C)
–50
200
100
0
–100
–200
0
50
75
–25
25
100 125
VS = ±15V
1013/14 TPC01
TIME AFTER POWER ON (MINUTES)
0
5
4
3
2
1
0
4
1
2
3
5
VS = ±15V
TA = 25°C
LT1013 CERDIP (J) PACKAGE
LT1013 METAL CAN (H) PACKAGE
LT1014
1013/14 TPC03
Warm-Up Drift
BALANCED SOURCE RESISTANCE ()
1k
3k 10k 30k 100k 300k 1M 3M 10M
10
1
0.1
0.01
VS = 5V, 0V, –55°C TO 125°C
VS = ±15V, 0V, –55°C TO 125°C
VS = 5V, 0V, 25°C
VS = ±15V, 0V, 25°C
+
RS
RS
1013/14 TPC02
Offset Voltage vs Balanced
Source Resistance
Common Mode Rejection Ratio
vs Frequency
0.1Hz to 10Hz Noise
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10
120
100
80
60
40
20
0
100
1k
10k
100k
1M
VS = 5V, 0V
VS = ±15V
TA = 25°C
1013/14 TPC04
FREQUENCY (Hz)
0.1
120
100
80
60
40
20
0
100
10k
1
10
1k
100k 1M
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
VS = ±15V + 1VP-P SINE WAVE
TA = 25°C
1013/14 TPC05
TIME (SECONDS)
0
8
2
4
6
10
TA = 25 C
VS = 2V TO 18V
1013/14 TPC06
10Hz Voltage Noise
Distribution
Noise Spectrum
Supply Current vs Temperature
FREQUENCY (Hz)
1
1000
100
10
300
30
10
100
1k
CURRENT NOISE
VOLTAGE NOISE
1/f CORNER 2Hz
TA = 25°C
VS = ±2V TO ±18V
1013/14 TPC07
VOLTAGE NOISE DENSITY (nV/√Hz)
10
200
180
160
140
120
100
80
60
40
20
0
50
20
30
40
60
VS = ±15V
TA = 25°C
328 UNITS TESTED
FROM THREE RUNS
1013/14 TPC08
TEMPERATURE (°C)
–50
460
420
380
340
300
260
0
50
75
–25
25
100 125
VS = ±15V
VS = 5V, 0V
1013/14 TPC09


Similar Part No. - LT1013IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013IN8 LINER-LT1013IN8 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1013IN8 LINER-LT1013IN8 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Integrated Syste...
LT1013IN8 LINEAR-LT1013IN8 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1013IN8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014AMJ LINEAR-LT1014AMJ Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
logo
Maxim Integrated Produc...
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
   Differential Input Voltage Range Equal to Power Supply Voltage
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com