Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013CN8 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1013CN8
Description  Single Supply Operation Input Voltage Range Extends to Ground
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1013CN8 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1013CN8 Datasheet HTML 1Page - Linear Integrated Systems LT1013CN8 Datasheet HTML 2Page - Linear Integrated Systems LT1013CN8 Datasheet HTML 3Page - Linear Integrated Systems LT1013CN8 Datasheet HTML 4Page - Linear Integrated Systems LT1013CN8 Datasheet HTML 5Page - Linear Integrated Systems LT1013CN8 Datasheet HTML 6Page - Linear Integrated Systems LT1013CN8 Datasheet HTML 7Page - Linear Integrated Systems LT1013CN8 Datasheet HTML 8Page - Linear Integrated Systems LT1013CN8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT1013/LT1014

10134fd
The l denotes the specifications which apply over the temperature range
–55°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V unless otherwise noted.
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
LT1013AM
LT1014AM
LT1013M/LT1014M
UNITS
MIN
TYP MAX MIN
TYP MAX MIN
TYP MAX
VOS
Input Offset Voltage
VS = 5V, 0V; VO = 1.4V
– 55°C ≤ TA ≤ 100°C
VCM = 0.1V, TA = 125°C
VCM = 0V, TA = 125°C
l
l
80
80
120
250
300
450
450
900
90
90
150
300
350
480
480
960
110
100
200
400
550
750
750
1500
µV
µV
µV
µV
Input Offset Voltage Drift
(Note 3)
l
0.4
2.0
0.4
2.0
0.5
2.5
µV/°C
IOS
Input Offset Current
VS = 5V, 0V; VO = 1.4V
l
l
0.3
0.6
2.5
6.0
0.3
0.7
2.8
7.0
0.4
0.9
5.0
10.0
nA
nA
IB
Input Bias Current
VS = 5V, 0V; VO = 1.4V
l
l
15
20
30
80
15
25
30
90
18
28
45
120
nA
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
l
0.5
2.0
0.4
2.0
0.25
2.0
V/µV
CMRR
Common Mode Rejection
VCM = 13.0V, –14.9V
l
97
114
96
114
94
113
dB
PSRR
Power Supply Rejection
Ratio
VS = ±2V to ±18V
l
100
117
100
117
97
116
dB
VOUT
Output Voltage Swing
RL = 2k
VS = 5V, 0V
RL = 600Ω to Ground
Output Low
Output High
l
l
l
±12
3.2
±13.8
6
3.8
15
±12
3.2
±13.8
6
3.8
15
±11.5
3.1
±13.8
6
3.8
18
V
mV
V
IS
Supply Current
Per Amplifier
VS = 5V, 0V; VO = 1.4V
l
l
0.38
0.34
0.60
0.55
0.38
0.34
0.60
0.55
0.38
0.34
0.7
0.65
mA
mA


Similar Part No. - LT1013CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013CN8 LINER-LT1013CN8 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1013CN8 LINER-LT1013CN8 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Integrated Syste...
LT1013CN8 LINEAR-LT1013CN8 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1013CN8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014DSW LINEAR-LT1014DSW Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
logo
Maxim Integrated Produc...
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
   Differential Input Voltage Range Equal to Power Supply Voltage
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com