Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468P11B35PSB Datasheet(PDF) 11 Page - ITT Industries

Part # MS27468P11B35PSB
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS27468P11B35PSB Datasheet(HTML) 11 Page - ITT Industries

Back Button MS27468P11B35PSB Datasheet HTML 7Page - ITT Industries MS27468P11B35PSB Datasheet HTML 8Page - ITT Industries MS27468P11B35PSB Datasheet HTML 9Page - ITT Industries MS27468P11B35PSB Datasheet HTML 10Page - ITT Industries MS27468P11B35PSB Datasheet HTML 11Page - ITT Industries MS27468P11B35PSB Datasheet HTML 12Page - ITT Industries MS27468P11B35PSB Datasheet HTML 13Page - ITT Industries MS27468P11B35PSB Datasheet HTML 14Page - ITT Industries MS27468P11B35PSB Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
9
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Shell
Size
A
Dia.
P
Dia.
R
Mtg.
Screw
(Class T)
9
11
13
15
17
19
21
23
25
.665 (16.89)
.812 (20.62)
.965 (24.51)
1.085 (27.55)
1.250 (31.75)
1.322 (33.57)
1.447 (36.75)
1.569 (39.85)
1.703 (43.25)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.128 (3.25)
.154 (3.91)
.150 (3.81)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.93)
1.500 (38.10)
#4
#4
#4
#4
#4
#4
#4
#6
#6
Flange Mounted Receptacles
Jam Nut Receptacles
P ± .005 (0.13)
4 HOLES
R
(T.P)
A
+.010 (0.25)
-.000 (0.00)
Shell
Size
9
11
13
15
17
19
21
23
25
B
B
(.00)
(.25)
.670 (17.02)
.771 (19.58)
.955 (24.26)
1.085 (27.56)
1.210 (30.73)
1.335 (33.91)
1.460 (37.08)
1.585 (40.26)
1.710 (43.43)
A
(.25)
(.00)
.700 (17.78)
.825 (20.96)
1.010 (25.65)
1.135 (28.83)
1.260 (32.00)
1.385 (35.18)
1.510 (38.35)
1.635 (41.53)
1.760 (44.70)
A
+.010
-.000
+.000
-.010
Cannon KJL
MIL-DTL-38999 Series I Connectors
Jam Nut Receptacle
Panel Cutouts
MS27468
(MS service class E,P,T)
Shell
Size
A
Dia. Max.
H
Max.
U
Max. Hex.
V
Thread Class 2A
F
Cable Clamp
Overall Length With Backshells
P
Potting Max.
J
Dia. Max.
T
Thread
KJL7
U MAX.
HEX
POLARIZING
KEYWAY
J DIA.
S
D
DIA.
A
DIA.
V THREAD
T THREAD
PANEL THICKNESS
BLUE BAND
(INDICATES REAR
RELEASE CONTACT
RETENTION SYSTEM)
.125 (3.18) MAX.
.062 (1.57) MIN.
.920 (23.37) MAX.
H
9
11
13
15
17
19
21
23
25
.573 (14.55)
.701 (17.81)
.851 (21.62)
.976 (24.79)
1.101 (27.97)
1.208 (30.68)
1.333 (33.86)
1.458 (37.03)
1.583 (40.21)
.662 (16.81)
.810 (20.57)
.960 (24.38)
1.085 (27.56)
1.210 (30.73)
1.317 (33.45)
1.442 (36.63)
1.567 (39.80)
1.692 (42.98)
11/16-24UNEF
13/16-24UNEF
1-20UNEF
1-1/8-18UNEF
1-1/4-18UNEF
1-3/8-18UNEF
1-1/2-18UNEF
1-5/8-18UNEF
1-3/4-18UNS
1.846 (46.89)
1.846 (46.89)
1.846 (46.89)
1.846 (46.89)
1.966 (49.94)
1.996 (50.70)
1.996 (50.70)
1.996 (50.70)
1.996 (50.70)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.151 (3.84)
.151 (3.84)
.151 (3.84)
.151 (3.84)
D
Max.
.655 (16.64)
.755 (19.18)
.942 (23.93)
1.066 (27.08)
1.191 (30.25)
1.316 (33.43)
1.441 (36.60)
1.566 (39.78)
1.691 (42.95)
.892 (22.66)
1.017 (25.83)
1.205 (30.61)
1.329 (33.76)
1.455 (36.96)
1.579 (40.11)
1.705 (43.31)
1.829 (46.46)
20.17 (51.23)
S
Dia. Max.
1.204 (30.58)
1.391 (35.33)
1.516 (35.51)
1.641 (41.68)
1.766 (44.86)
1.954 (49.63)
2.078 (52.78)
2.204 (55.98)
2.328 (59.13)
1.451 (36.86)
1.451 (36.86)
1.451 (36.86)
1.451 (36.86)
1.451 (36.86)
1.451 (36.86)
1.451 (36.86)
1.451 (36.86)
1.451 (36.86)
7/16-28UNEF-2A
9/16-24UNEF-2A
11/16-24UNEF-2A
13/16-20UNEF-2A
15/16-20UNEF-2A
1-1/16-18UNEF-2A
1-3/16-18UNEF-2A
1-5/16-18UNEF-2A
1-7/16-18UNEF-2A
NOTE: For backshell dimensions and configurations, see pages 26 and 28.
Performance Specifications-Pages 3 and 4.
Contacts, Sealing Plugs, Assembly Tools - Pages 20, 28, and 29.
Contact Arrangements - Pages 20, 21.


Similar Part No. - MS27468P11B35PSB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS27468P11B35PSB ITT-MS27468P11B35PSB Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468P11B35PSB ITT-MS27468P11B35PSB Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468P11B35PSB ITT-MS27468P11B35PSB Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468P11B35PSB ITT-MS27468P11B35PSB Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468P11B35PSB ITT-MS27468P11B35PSB Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468P11B35PSB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
   Adapter for MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com