Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013DS8 Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LT1013DS8
Description  Single Supply Operation Input Voltage Range Extends to Ground
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1013DS8 Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LT1013DS8 Datasheet HTML 4Page - Linear Integrated Systems LT1013DS8 Datasheet HTML 5Page - Linear Integrated Systems LT1013DS8 Datasheet HTML 6Page - Linear Integrated Systems LT1013DS8 Datasheet HTML 7Page - Linear Integrated Systems LT1013DS8 Datasheet HTML 8Page - Linear Integrated Systems LT1013DS8 Datasheet HTML 9Page - Linear Integrated Systems LT1013DS8 Datasheet HTML 10Page - Linear Integrated Systems LT1013DS8 Datasheet HTML 11Page - Linear Integrated Systems LT1013DS8 Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT1013/LT1014

10134fd
Typical perForMance characTerisTics
INPUT BIAS CURRENT (nA)
0
5
4
3
2
1
0
–1
15
10
5
0
–5
–10
–15
–5
–10
–15
–20
–25
–30
TA = 25°C
VS = 5V, 0V
VS = ±15V
1013/14 TPC10
Input Bias Current
vs Common Mode Voltage
TEMPERATURE (°C)
–50
–30
–25
–20
–15
–10
–5
0
25
75
–25
0
50
100
125
VCM = 0V
VS = 5V, 0V
VS = ±15V
VS = ±2.5V
1013/14 TPC12
TEMPERATURE (°C)
–50
1.0
0.8
0.6
0.4
0.2
0
0
50
75
–25
25
100 125
VCM = 0V
VS = 5V, 0V
VS =
±2.5V
VS = ±15V
1013/14 TPC11
Input Bias Current
vs Temperature
Large-Signal Transient
Response, VS = ±15V
AV = +1
50µs/DIV
1013/14 TPC15
Large-Signal Transient
Response, VS = 5V, 0V
AV = +1
10µs/DIV
1013/14 TPC18
NO LOAD
INPUT = 0V TO 4V PULSE
4V
2V
0V
Small-Signal Transient
Response, VS = ±15V
AV = +1
2µs/DIV
1013/14 TPC14
Large-Signal Transient
Response, VS = 5V, 0V
AV = +1
10µs/DIV
1013/14 TPC17
RL = 4.7k TO 5V
INPUT = 0V TO 4V PULSE
4V
2V
0V
Output Saturation vs Sink
Current vs Temperature
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
10
1
0.1
0.01
V+ = 5V TO 30V
V= 0V
ISINK = 10mA
ISINK = 5mA
ISINK = 1mA
ISINK = 100µA
ISINK = 10µA
ISINK = 0
1013/14 TPC13
AV = +1
20µs/DIV
1013/14 TPC16
RL = 600Ω TO GROUND
INPUT = 0V TO 100mV PULSE
Small-Signal Transient
Response, VS = 5V, 0V
100mV
50mV
0
Input Offset Current
vs Temperature


Similar Part No. - LT1013DS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013DS8 LINER-LT1013DS8 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1013DS8 LINER-LT1013DS8 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Integrated Syste...
LT1013DS8 LINEAR-LT1013DS8 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1013DS8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014DSW LINEAR-LT1014DSW Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
logo
Maxim Integrated Produc...
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
   Differential Input Voltage Range Equal to Power Supply Voltage
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com