Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSM3J Datasheet(PDF) 3 Page - Tyco Electronics

Part # FSM3J
Description  Tactile Switches, .138 [3.5] x .236 [6], Through Hole
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FSM3J Datasheet(HTML) 3 Page - Tyco Electronics

  FSM3J Datasheet HTML 1Page - Tyco Electronics FSM3J Datasheet HTML 2Page - Tyco Electronics FSM3J Datasheet HTML 3Page - Tyco Electronics FSM3J Datasheet HTML 4Page - Tyco Electronics FSM3J Datasheet HTML 5Page - Tyco Electronics FSM3J Datasheet HTML 6Page - Tyco Electronics FSM3J Datasheet HTML 7Page - Tyco Electronics FSM3J Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E5
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
FSMJ Series
Tactile Switches, .236 [6] x .236 [6], Through Hole (Continued)
TYCO Electronics
ALCO
DIMENSIONS
Actuation
Actuator
Life
Part Number
Part Number
AB
Force
Material
Cycles
With Ground Terminal
1-1437565-5
FSM1J
0.028 (0.70)
0.169 (4.30)
160±50gf
PBT
100,000
FSM1JA
0.028 (0.70)
0.169 (4.30)
260±50gf
PBT
100,000
FSM1JAA
0.028 (0.70)
0.169 (4.30)
520±100gf
PBT
100,000
FSM1JL
0.028 (0.70)
0.169 (4.30)
100±50gf
PBT
100,000
3-1437565-3
FSM3J
0.055 (1.40)
0.196 (5.00)
160±50gf
PBT
100,000
FSM3JA
0.055 (1.40)
0.196 (5.00)
260±50gf
PBT
100,000
FSM3JAA
0.055 (1.40)
0.196 (5.00)
520±100gf
PBT
100,000
FSM3JL
0.055 (1.40)
0.196 (5.00)
100±50gf
PBT
100,000
4-1437565-4
FSM5J
0.134 (3.40)
0.276 (7.00)
160±50gf
ACETAL
100,000
FSM5JA
0.134 (3.40)
0.276 (7.00)
260±50gf
ACETAL
100,000
FSM5JAA
0.134 (3.40)
0.276 (7.00)
520±100gf
ACETAL
100,000
FSM5JL
0.134 (3.40)
0.276 (7.00)
100±50gf
ACETAL
100,000
5-1437565-1
FSM7J
0.232 (5.90)
0.374 (9.50)
160±50gf
PBT
100,000
FSM7JA
0.232 (5.90)
0.374 (9.50)
260±50gf
PBT
100,000
FSM7JAA
0.232 (5.90)
0.374 (9.50)
520±100gf
PBT
100,000
FSM7JL
0.232 (5.90)
0.374 (9.50)
100±50gf
PBT
100,000
7-1437565-5
FSM9J
0.146 (3.70)
0.287 (7.30)
160±50gf
ACETAL
100,000
FSM9JA
0.146 (3.70)
0.287 (7.30)
260±50gf
ACETAL
100,000
FSM9JAA
0.146 (3.70)
0.287 (7.30)
520±100gf
ACETAL
100,000
FSM9JL
0.146 (3.70)
0.287 (7.30)
100±50gf
ACETAL
100,000
0-1437565-8
FSM11J
0.173 (4.40)
0.315 (8.00)
160±50gf
ACETAL
100,000
FSM11JA
0.173 (4.40)
0.315 (8.00)
260±50gf
ACETAL
100,000
FSM11JAA
0.173 (4.40)
0.315 (8.00)
520±100gf
ACETAL
100,000
FSM11JL
0.173 (4.40)
0.315 (8.00)
100±50gf
ACETAL
100,000
1-1437565-0
FSM13J
0.370 (9.40)
0.512 (13.00)
160±50gf
ACETAL
100,000
1-1437565-1
FSM13JA
0.370 (9.40)
0.512 (13.00)
260±50gf
ACETAL
100,000
FSM13JAA
0.370 (9.40)
0.512 (13.00)
520±100gf
ACETAL
100,000
FSM13JL
0.370 (9.40)
0.512 (13.00)
100±50gf
ACETAL
100,000
FSM15J
0.527 (13.40)
0.669 (17.00)
160±50gf
ACETAL
100,000
0-147916-1
FSM15JA
0.527 (13.40)
0.669 (17.00)
260±50gf
ACETAL
100,000
FSM15JAA
0.527 (13.40)
0.669 (17.00)
520±100gf
ACETAL
100,000
FSM15JL
0.527 (13.40)
0.669 (17.00)
100±50gf
ACETAL
100,000
FSM17J
0.193 (4.90)
0.335 (8.51)
160±50gf
ACETAL
100,000
FSM17JA
0.193 (4.90)
0.335 (8.51)
260±50gf
ACETAL
100,000
FSM17JAA
0.193 (4.90)
0.335 (8.51)
520±100gf
ACETAL
100,000
FSM17JL
0.193 (4.90)
0.335 (8.51)
100±50gf
ACETAL
100,000
Without Ground Terminal
2-1437565-0
FSM2J
0.028 (0.70)
0.169 (4.30)
160±50gf
PBT
100,000
2-1437565-1
FSM2JA
0.028 (0.70)
0.169 (4.30)
260±50gf
PBT
100,000
FSM2JAA
0.028 (0.70)
0.169 (4.30)
520±100gf
PBT
100,000
2-1437565-4
FSM2JL
0.028 (0.70)
0.169 (4.30)
100±50gf
PBT
100,000
3-1437565-6
FSM4J
0.055 (1.40)
0.196 (5.00)
160±50gf
PBT
100,000
3-1437565-7
FSM4JA
0.055 (1.40)
0.196 (5.00)
260±50gf
PBT
100,000
3-1437565-8
FSM4JAA
0.055 (1.40)
0.196 (5.00)
520±100gf
PBT
100,000
FSM4JL
0.055 (1.40)
0.196 (5.00)
100±50gf
PBT
100,000
4-1437565-5
FSM6J
0.134 (3.40)
0.276 (7.00)
160±50gf
ACETAL
100,000
4-1437565-6
FSM6JA
0.134 (3.40)
0.276 (7.00)
260±50gf
ACETAL
100,000
FSM6JAA
0.134 (3.40)
0.276 (7.00)
520±100gf
ACETAL
100,000
FSM6JL
0.134 (3.40)
0.276 (7.00)
100±50gf
ACETAL
100,000
5-1437565-2
FSM8J
0.232 (5.90)
0.374 (9.50)
160±50gf
PBT
100,000
5-1437565-3
FSM8JA
0.232 (5.90)
0.374 (9.50)
260±50gf
PBT
100,000
5-1437565-4
FSM8JAA
0.232 (5.90)
0.374 (9.50)
520±100gf
PBT
100,000
0-1571376-1
FSM8JL
0.232 (5.90)
0.374 (9.50)
100±50gf
PBT
100,000
0-1437565-7
FSM10J
0.146 (3.70)
0.287 (7.30)
160±50gf
ACETAL
100,000
FSM10JA
0.146 (3.70)
0.287 (7.30)
260±50gf
ACETAL
100,000
FSM10JAA
0.146 (3.70)
0.287 (7.30)
520±100gf
ACETAL
100,000
FSM10JL
0.146 (3.70)
0.287 (7.30)
100±50gf
ACETAL
100,000
0-1437565-9
FSM12J
0.173 (4.40)
0.315 (8.00)
160±50gf
ACETAL
100,000
FSM12JA
0.173 (4.40)
0.315 (8.00)
260±50gf
ACETAL
100,000
FSM12JAA
0.173 (4.40)
0.315 (8.00)
520±100gf
ACETAL
100,000
FSM12JL
0.173 (4.40)
0.315 (8.00)
100±50gf
ACETAL
100,000
1-1437565-2
FSM14J
0.370 (9.40)
0.512 (13.00)
160±50gf
ACETAL
100,000
FSM14JA
0.370 (9.40)
0.512 (13.00)
260±50gf
ACETAL
100,000
FSM14JAA
0.370 (9.40)
0.512 (13.00)
520±100gf
ACETAL
100,000
FSM14JL
0.370 (9.40)
0.512 (13.00)
100±50gf
ACETAL
100,000
1-1437565-3
FSM16J
0.527 (13.40)
0.669 (17.00)
160±50gf
ACETAL
100,000
FSM16JA
0.527 (13.40)
0.669 (17.00)
260±50gf
ACETAL
100,000
FSM16JAA
0.527 (13.40)
0.669 (17.00)
520±100gf
ACETAL
100,000
FSM16JL
0.527 (13.40)
0.669 (17.00)
100±50gf
ACETAL
100,000
1-1437565-4
FSM18J
0.193 (4.90)
0.335 (8.51)
160±50gf
ACETAL
100,000
FSM18JA
0.193 (4.90)
0.335 (8.51)
260±50gf
ACETAL
100,000
FSM18JAA
0.193 (4.90)
0.335 (8.51)
520±100gf
ACETAL
100,000
FSM18JL
0.193 (4.90)
0.335 (8.51)
100±50gf
ACETAL
100,000


Similar Part No. - FSM3J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FSM3J MACOM-FSM3J Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM3JA MACOM-FSM3JA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM3JAA MACOM-FSM3JAA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM3JL MACOM-FSM3JL Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results

Similar Description - FSM3J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437565-7 MACOM-2-1437565-7 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM2JSMA MACOM-FSM2JSMA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-1 MACOM-2-1437565-1 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-6 MACOM-2-1437565-6 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSMRA2JH MACOM-FSMRA2JH Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
4-1437565-2 MACOM-4-1437565-2 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-9 MACOM-2-1437565-9 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM MACOM-FSM Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
   Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com