Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3899920WC35PB Datasheet(PDF) 4 Page - ITT Industries

Part # D3899920WC35PB
Description  MIL-DTL-38999 Series III Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D3899920WC35PB Datasheet(HTML) 4 Page - ITT Industries

  D3899920WC35PB Datasheet HTML 1Page - ITT Industries D3899920WC35PB Datasheet HTML 2Page - ITT Industries D3899920WC35PB Datasheet HTML 3Page - ITT Industries D3899920WC35PB Datasheet HTML 4Page - ITT Industries D3899920WC35PB Datasheet HTML 5Page - ITT Industries D3899920WC35PB Datasheet HTML 6Page - ITT Industries D3899920WC35PB Datasheet HTML 7Page - ITT Industries D3899920WC35PB Datasheet HTML 8Page - ITT Industries D3899920WC35PB Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
A-22
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Jam Nut Receptacle
Panel Cutouts
D38999/24
KJA7T
V THREAD
R THREAD
.520 (13.2) MAX.
.062 (1.57) MIN./.125 (3.18) MAX.
PANEL THICKNESS
S
Z
A
M
P
B
THREAD
S
C
FLAT
BLUE BAND
(INDICATES REAR
RELEASE CONTACT
RETENTION SYSTEM)
RED BAND
(FULLY MATED
INDICATOR BAND)
Shell
Size
MS
Shell size
Code
M
+.005 (.130)
-.004 (.100)
P
+.016 (.410)
-.004 (.100)
Metric R
Thread
(Plated)
S
Z
+.005 (.130)
-.040 (.100)
C
+.004 (.100)
-.010 (.250)
A
+.010 (.250)
-.005 (.130)
B Thread
Class 2A
(Plated)
Metric V
Thread
(Plated)
9
11
13
15
17
19
21
23
25
A
B
C
D
E
F
G
H
J
.104 (2.64)
.104 (2.64)
.104 (2.64)
.104 (2.64)
.104 (2.64)
.135 (3.43)
.135 (3.43)
.135 (3.43)
.135 (3.43)
.6250-0.1P-0.3L-TS
.7500-0.1P-0.3L-TS
.8750-0.1P-0.3L-TS
1.0000-0.1P-0.3L-TS
1.1875-0.1P-0.3L-TS
1.2500-0.1P-0.3L-TS
1.3750-0.1P-0.3L-TS
1.5000-0.1P-0.3L-TS
1.6250-0.1P-0.3L-TS
.651 (16.53)
.751 (19.07)
.938 (23.82)
1.062 (26.97)
1.187 (30.15)
1.312 (33.32)
1.437 (36.50)
1.562 (39.67)
1.687 (42.85)
1.243 (31.57)
1.243 (31.57)
1.243 (31.57)
1.243 (31.57)
1.243 (31.57)
1.243 (31.57)
1.243 (31.57)
1.243 (31.57)
1.243 (31.57)
.871 (22.12)
.871 (22.12)
.878 (22.30)
.878 (22.30)
.878 (22.30)
.878 (22.30)
.878 (22.30)
.878 (22.30)
.878 (22.30)
.555 (14.10)
.555 (14.10)
.563 (14.30)
.563 (14.30)
.563 (14.30)
.563 (14.30)
.563 (14.30)
.563 (14.30)
.563 (14.30)
1.062 (26.97)
1.250 (31.75)
1.375 (34.92)
1.500 (38.10)
1.625 (41.28)
1.812 (46.02)
1.938 (49.23)
2.062 (52.37)
2.188 (55.38)
M12X1-6g0.100R
M15X1-6g0.100R
M18X1-6g0.100R
M22X1-6g0.100R
M25X1-6g0.100R
M28X1-6g0.100R
M31X1-6g0.100R
M34X1-6g0.100R
M37X1-6g0.100R
M17X1-6g0.100R
M20X1-6g0.100R
M25X1-6g0.100R
M28X1-6g0.100R
M32X1-6g0.100R
M35X1-6g0.100R
M38X1-6g0.100R
M41X1-6g0.100R
M44X1-6g0.100R
Performance Specifications-Pages A-7, A-8.
Contacts, Sealing Plugs, Assembly Tools - Pages A-26, A-32, A-33.
Contact Arrangements - Pages A-24, A-25.
Wall Mounted Receptacle
Jam Nut Receptacle
Shell
Size
R1
(TP)
R2
(TP)
T
(Max.)
9
11
13
15
17
19
21
23
25
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.92)
1.500 (38.10)
.626 (15.90)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.188 (30.18)
1.251 (31.78)
1.376 (34.95)
1.511 (38.38)
1.626 (41.30)
.134 (3.40)
.134 (3.40)
.134 (3.40)
.134 (3.40)
.134 (3.40)
.134 (3.40)
.134 (3.40)
.160 (4.06)
.160 (4.06)
.594 (15.09)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.92)
R1
R2
H
T
B
+.000 (.00)
-.010 (.25)
.670 (17.02)
.771 (19.58)
.955 (24.26)
1.085 (27.56)
1.210 (30.73)
1.335 (33.91)
1.460 (37.08)
1.585 (40.26)
1.710 (43.43)
A
+.010 (.25)
-.000 (.00)
.700 (17.78)
.825 (20.96)
1.010 (25.65)
1.135 (28.83)
1.260 (32.00)
1.385 (35.18)
1.510 (38.35)
1.635 (41.53)
1.760 (44.70)
B
A
H
+.010 (.25)
-.000 (.00)
Cannon KJA/KJB
MIL-DTL-38999 Series III Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:48 PM
Page 22


Similar Part No. - D3899920WC35PB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D3899920WC35PB ITT-D3899920WC35PB Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
More results

Similar Description - D3899920WC35PB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
Glenair, Inc.
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-303 GLENAIR-233-303 Datasheet
232Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com