Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIA-364-27 Datasheet(PDF) 11 Page - ITT Industries

Part # EIA-364-27
Description  DETAIL SPECIFICATION
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EIA-364-27 Datasheet(HTML) 11 Page - ITT Industries

Back Button EIA-364-27 Datasheet HTML 7Page - ITT Industries EIA-364-27 Datasheet HTML 8Page - ITT Industries EIA-364-27 Datasheet HTML 9Page - ITT Industries EIA-364-27 Datasheet HTML 10Page - ITT Industries EIA-364-27 Datasheet HTML 11Page - ITT Industries EIA-364-27 Datasheet HTML 12Page - ITT Industries EIA-364-27 Datasheet HTML 13Page - ITT Industries EIA-364-27 Datasheet HTML 14Page - ITT Industries EIA-364-27 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
11
3.5.3 Contact insertion and removal forces. The axial forces required to insert and remove removable contacts
shall conform to the applicable requirements in table I when tested as specified in 4.5.5.
TABLE I. Contact insertion and removal forces (pounds maximum).
Contact size
20
22D
Insertion
Removal
4
4
4
4
3.5.4 Mating and unmating force. The force for mating and unmating of counterpart connectors shall meet the
requirements in table II. The connectors used in this test shall have the complete complement of contacts. Testing
shall be as specified in 4.5.6.
TABLE II. Mating and unmating forces (pounds).
Shell
size
Unmating
Mating
Minimum
Maximum
Maximum
Class
Class
Class
G, D, M,
N
H, K
G, D, M,
N
H, K
G, D, M, N
H, K
1
0.75
1.50
6.0
7.00
10.0
7.25
2
1.00
2.00
10.0
13.00
17.0
13.00
3
1.75
3.25
17.0
21.25
28.0
21.25
4
2.50
4.50
24.0
31.25
39.0
31.25
5
3.25
5.50
30.0
42.25
49.0
42.25
6
4.50
----
39.0
-----
65.0
-----
3.5.5 Contact retention. Contacts for classes G, D, M, and N connectors shall be retained in their inserts by a
9-pound (minimum) force. The axial displacement of contacts shall not exceed .012 inch (0.30 mm) while under load
(see 4.5.7).
3.5.6 Dielectric withstanding voltage. Unmated connectors shall show no evidence of breakdown or flashover when
subjected to the test voltages and altitudes specified in tables III and IV. Corona shall not be considered as
breakdown. Testing shall be as specified in 4.5.8.
TABLE III. Type I and II test voltage (Volts rms, 60 Hz). 1/
Altitude
Humidity conditioned
(see 4.5.15)
All other
Conditions
Classes
G, D, M, N
Classes
H, K
Classes
G, D, M, N
Classes
H, K
Sea level
600
400
1,000
750
70,000 feet
---
---
325
175
1/ These are not working voltages.


Similar Part No. - EIA-364-27

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EIA-364-27 ITT-EIA-364-27 Datasheet
517Kb / 41P
   CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
More results

Similar Description - EIA-364-27

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0869LP14A090T JOHANSON-0869LP14A090T Datasheet
119Kb / 2P
   869 MHz Low Pass Filter Detail Specification
logo
List of Unclassifed Man...
SS008B-02P-22 ETC-SS008B-02P-22 Datasheet
106Kb / 1P
   P.C.B HOLE DETAIL
2005 01.07
SR45-0 ETC2-SR45-0 Datasheet
537Kb / 2P
   DETAIL EXTRUSION SIDE RAIL
570-290-721 ETC2-570-290-721 Datasheet
178Kb / 1P
   570 Series, Female Crimp Detail
LC1000B ETC1-LC1000B Datasheet
45Kb / 1P
   MATERIALS LETTING DRAINAGE STRUCTURE DETAIL
logo
Rohm
FMC3AT148 ROHM-FMC3AT148 Datasheet
106Kb / 3P
   This specification covers the detail requirements for one type silicon epitaxial planar digital transistor designed for switichng circuit
logo
Molex Electronics Ltd.
0051242021 MOLEX1-0051242021 Datasheet
102Kb / 1P
   15CK LFH PLUG INSERT MOLDED CONTANCT ASSEMBLY - SALES DETAIL
logo
STMicroelectronics
AN2229 STMICROELECTRONICS-AN2229 Datasheet
168Kb / 8P
   Purpose of the Application Note is to detail the startup behaviour
logo
EDAC, All Rights Reserv...
387-006-523-612 EDAC-387-006-523-612 Datasheet
138Kb / 3P
   337 / 387 Series Card Edge Connector 337 ENG MASTER Contact Bend Detail
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com