Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASEM2-12.000MHZ-ER-T3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASEM2-12.000MHZ-ER-T3
Description  ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON?줓LOCK OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEM2-12.000MHZ-ER-T3 Datasheet(HTML) 2 Page - Abracon Corporation

  ASEM2-12.000MHZ-ER-T3 Datasheet HTML 1Page - Abracon Corporation ASEM2-12.000MHZ-ER-T3 Datasheet HTML 2Page - Abracon Corporation ASEM2-12.000MHZ-ER-T3 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||| | | | | |
ASEM
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza,Rancho SantaMargarita,California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
TM
Life Siz e
3.2 x 2.5 x 0.85 mm
ASEM
PART NUMBER FOR PROGRAMMED ORDERS (Quantity > 1,000pcs)
Our new MEMSpeed Pro Clock Oscillator Programmer
allows you to program parts to any frequency between
1 and 150 Mhz in 1 second! Order online now at
www.abracon.com.
ULTRA MINIATURE PLASTIC PACKAGE
PURE SILICON CLOCK OSCILLATOR
Revised: 10.21.13
Pb RoHS/RoHS II Compliant
ASEM -
MHz -
-
Un-Programmed Orders (Quantity < 1,000pcs)
Blank un-programmed oscillators and our low cost portable programmer are available for quick turn engineering requirements.
Please call ABRACON or visit MEMSpeed Pro site http://www.abracon.com/memspeedpro/memspeedpro.html for more
information.
ASEM - BLANK -
-
Frequency in MHz
e.g. 14.3181 MHz
(Maximum 4 digits
after decimal)
Supply Voltage
1: 3.3 ± 0.3V
2: 3.0 ± 0.3V
3: 2.5 ± 0.2V
4: 1.8 ± 0.15V
5: 2.8 ± 0.2V
Packaging
Blank*: 110pcs / Tube
T: 1,000pcs / reel
T3: 3,000pcs / reel
T5: 5,000pcs / reel
Overall Freq. Stability
Blank: ±100ppm
R: ±25ppm
C: ±50ppm
Operating Temp.
Blank: 0°C ~ +70°C
E: -20°C ~ +70°C
L: -40°C ~ +85°C
Operating Temp.
Freq. Stability
EC: ± 50 ppm / -20°C to +70°C
ER: ± 25 ppm / -20°C to +70°C
LC: ± 50 ppm / -40°C to +85°C
LR: ± 25 ppm / -40°C to +85°C
Packaging
Blank: 110pcs / Tube
T: 1,000pcs / reel
T3: 3,000pcs / reel
T5: 5,000pcs / reel
* For Quick turn-around programmable orders < 1000pcs: Due to the
immediate availability of stock and the qty of the order, the parts may be
delivered as BULK: Cut Tape, Loose parts in Antistatic Bag or in
Tube(s). The MOQ per the series will still apply for Tube packaging.


Similar Part No. - ASEM2-12.000MHZ-ER-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEM ABRACON-ASEM Datasheet
259Kb / 2P
   ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM1 ABRACON-ASEM1 Datasheet
102Kb / 1P
   ULTRA MINIATURE PURE SILICON CLOCK OSCILLATORS
08.22.07
ASEM1-24.000MHZ-LC-T ABRACON-ASEM1-24.000MHZ-LC-T Datasheet
1Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
07.21.11
ASEMB ABRACON-ASEMB Datasheet
9Mb / 5P
   Compact QFN Plastic Packaging
04.30.15
ASEMB-24.000MHZ-LC-T ABRACON-ASEMB-24.000MHZ-LC-T Datasheet
9Mb / 5P
   PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
10.22.13
More results

Similar Description - ASEM2-12.000MHZ-ER-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
   ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
   PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASFLM ABRACON-ASFLM_08 Datasheet
254Kb / 2P
   ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM ABRACON-ASEM Datasheet
259Kb / 2P
   ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM1-24.000MHZ-LC-T ABRACON-ASEM1-24.000MHZ-LC-T Datasheet
1Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
07.21.11
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
   PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLM ABRACON-ASFLM Datasheet
232Kb / 2P
   CERAMIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
   PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
   PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASEMPLV-100.000MHZ-LR-T ABRACON-ASEMPLV-100.000MHZ-LR-T Datasheet
4Mb / 7P
   PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
07.16.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com