Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIA-364-25 Datasheet(PDF) 3 Page - ITT Industries

Part # EIA-364-25
Description  DETAIL SPECIFICATION
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EIA-364-25 Datasheet(HTML) 3 Page - ITT Industries

  EIA-364-25 Datasheet HTML 1Page - ITT Industries EIA-364-25 Datasheet HTML 2Page - ITT Industries EIA-364-25 Datasheet HTML 3Page - ITT Industries EIA-364-25 Datasheet HTML 4Page - ITT Industries EIA-364-25 Datasheet HTML 5Page - ITT Industries EIA-364-25 Datasheet HTML 6Page - ITT Industries EIA-364-25 Datasheet HTML 7Page - ITT Industries EIA-364-25 Datasheet HTML 8Page - ITT Industries EIA-364-25 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
3
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-202
- Test Methods for Electronic and Electrical Component Parts
MIL-STD-790
- Standard Practice for Established Reliability and High Reliability Qualified Products List
(QPL) Systems for Electrical, Electronic, and Fiber Optic Parts Specifications
MIL-STD-1285
- Marking of Electrical and Electronic Parts
(Copies of these documents are available online at https://assist.dla.mil/quicksearch/ or from the Standardization
Document Order Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA 19111-5094)
2.2.2 Other Government documents drawings and publications. The following other Government documents,
drawings, and publications form a part of this document to the extent specified herein. Unless otherwise specified, the
issues are those cited in the solicitation or contract.
NATIONAL AERONAUTICS AND SPACE ADMINISTRATION (NASA)
JSC SP-R-0022
- Vacuum Stability Requirements of Polymeric Material for Spacecraft Applications.
(Copies of these documents are available online at www.nasa.gov/centers/johnson/home/ or the NASA Johnson
Space Center 2101 NASA Parkway Houston, Texas 77058.)
2.3 Non-Government publications. The following documents form a part of this document to the extent specified
herein. Unless otherwise specified, the issues of these documents are those cited in the solicitation or contract
(see 6.2).
ASTM INTERNATIONAL
ASTM A342/A342M
- Test Method for Permeability of Feebly Magnetic Materials
ASTM B488
- Electrodeposited Coatings of Gold for Engineering Uses
ASTM B545
- Electrodeposited Coatings of Tin, Standard Specification For
ASTM B633
- Zinc on Iron and Steel, Electrodeposited Coatings Of
ASTM B733
- Autocatalytic Electroless Nickel-Phosphorus Coatings on Metal
ASTM B841
- Standard Specification for Electrodeposited of Zinc Nickel Alloy Deposits
ASTM E595
- Total Mass Loss and Collected Volatile Material from Outgassing in a Vacuum
- Environment, Condensable, Standard Test Method For
ASTM D4067
- Standard Classification System for Reinforced and Filled Poly(Phenylene
Sulfide) (PPS) Injection Molding and Extrusion Materials Using ASTM Methods
ASTM D5927
- Thermoplastic Polyester (TPES) Injection and Extrusion Materials Based on ISO
Test Methods
ASTM D5948
- Molding Compounds, Thermosetting, Standard Specification For
(Copies of these documents are available online at http://www.astm.org or
from the ASTM International, P.O.
Box C700, 100 Barr Harbor Drive, West Conshohocken, PA 19428-2959.)
ELECTRONIC INDUSTRIES ASSOCIATION
EIA-364
- Electrical Connector/Socket Test Procedures Including Environmental Classifications
EIA-364-02
- Air Leakage Test Procedure for Electrical Connectors
EIA-364-05
- Contact Insertion, Release and Removal Force Test Procedure for
Electrical Connectors
EIA-364-06
- Contact Resistance Test Procedure for Electrical Connectors
EIA-364-09
- Durability Test Procedure for Electrical Connectors and Contacts
EIA-364-10
- Fluid Immersion Test Procedure for Electrical Connectors and Sockets
EIA/ECA-364-13 - Mating and Unmating Forces Test Procedure for Electrical Connectors and Sockets
EIA-364-20
- Withstanding Voltage Test Procedure for Electrical Connectors, Sockets and Coaxial
Contacts
EIA/ECA-364-21 - Insulation Resistance Test Procedure for Electrical Connectors, Sockets, and Coaxial
Contacts


Similar Part No. - EIA-364-25

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EIA-364-25 ITT-EIA-364-25 Datasheet
517Kb / 41P
   CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
More results

Similar Description - EIA-364-25

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0869LP14A090T JOHANSON-0869LP14A090T Datasheet
119Kb / 2P
   869 MHz Low Pass Filter Detail Specification
logo
List of Unclassifed Man...
SS008B-02P-22 ETC-SS008B-02P-22 Datasheet
106Kb / 1P
   P.C.B HOLE DETAIL
2005 01.07
SR45-0 ETC2-SR45-0 Datasheet
537Kb / 2P
   DETAIL EXTRUSION SIDE RAIL
570-290-721 ETC2-570-290-721 Datasheet
178Kb / 1P
   570 Series, Female Crimp Detail
LC1000B ETC1-LC1000B Datasheet
45Kb / 1P
   MATERIALS LETTING DRAINAGE STRUCTURE DETAIL
logo
Rohm
FMC3AT148 ROHM-FMC3AT148 Datasheet
106Kb / 3P
   This specification covers the detail requirements for one type silicon epitaxial planar digital transistor designed for switichng circuit
logo
Molex Electronics Ltd.
0051242021 MOLEX1-0051242021 Datasheet
102Kb / 1P
   15CK LFH PLUG INSERT MOLDED CONTANCT ASSEMBLY - SALES DETAIL
logo
STMicroelectronics
AN2229 STMICROELECTRONICS-AN2229 Datasheet
168Kb / 8P
   Purpose of the Application Note is to detail the startup behaviour
logo
EDAC, All Rights Reserv...
387-006-523-612 EDAC-387-006-523-612 Datasheet
138Kb / 3P
   337 / 387 Series Card Edge Connector 337 ENG MASTER Contact Bend Detail
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com