Electronic Components Datasheet Search |
|
MS27466E9B35PSC Datasheet(PDF) 4 Page - ITT Industries |
|
MS27466E9B35PSC Datasheet(HTML) 4 Page - ITT Industries |
4 / 36 page 2 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Specifications and Test Data . . . . . . . . . . . . . . . . .3-5 KJL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6-9 KJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10-15 KJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16-18 Polarizing Positions . . . . . . . . . . . . . . . . . . . . . . . .19 Contact Arrangements . . . . . . . . . . . . . . . . . . . . . .20-21 Contacts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 -24 Torque Values / Wire Dimensions . . . . . . . . . . . . .25 Backshells . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26-28 Tools . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29 Assembly Instructions . . . . . . . . . . . . . . . . . . . . . .30 MIL-DTL-38999 Specifications . . . . . . . . . . . . . . .31 Table of Contents Cannon CA-Bayonet Signal and power connectors with exceptional sealing against the ingress of fluids and will withstand the effects of high vibrations. In addition to our MIL-DTL-38999 series, we also offer these connectivity solutions: Delivering solutions that perform ... ITT offers an extensive array of connector and switch products and the ability to deliver standard or custom solutions to meet the most stringent military requirements. Our interconnect range includes sealed circulars, plastic and metal shell bayonet coupling circulars, miniature metal shell circulars, PC board header connectors and sensor and direct device connectors. ITT is also a systems supplier, providing value-added module and harness assemblies. Cannon Microminiature High performance and reliability with exceptional versatility. Available in rectangular, circular and strip configurations, many of our connectors meet or exceed the applicable requirements of the MIL-DTL-83513 specification. Cannon Combo D-Sub Product offering includes ability to integrate signal and coax, high power, and high voltage. Cannon KPT / KPSE Environmentally sealed miniature circular connectors available in two versions: KPT (solder contact) and KPSE (high performance crimp contact). Intermateable and intermountable with all MIL-C-26482 connectors and is available with many materials, finishes and configurations. ITT logo blocks and the composite ITT logo are registered trademarks of ITT Industries. ©2005 |
Similar Part No. - MS27466E9B35PSC |
|
Similar Description - MS27466E9B35PSC |