Electronic Components Datasheet Search |
|
DC19678-214 Datasheet(PDF) 7 Page - ITT Industries |
|
DC19678-214 Datasheet(HTML) 7 Page - ITT Industries |
7 / 28 page D Cannon D-Subminiature Accessories 5 www.ittcannon.com Dimensionsshowninmm(inch) Specificationsanddimensionssubjecttochange Metal Backshell Straight Exit The new Cannon Metal Backshells D*FM series for D-Subminiature Connectors offers protection from magnetic and radio interferences to cable assemblies. This backshell series is characterized by simple assembly and fit for ndustrial and telecom applications. PPrroodduucctt FFeeaattuurreess:: • No crimp ferrule tooling needed • Material: Zinc, blue chromated • Unique metal filled plastic cable strain relief guarantees 360° shielding • RoHS compliant • -40 - +120°C temperature range • Corrosion resistant SSiizzee 1155 AAtttteennuuaattiioonn ccuurrvvee DEFME-101 DEFMX-101 Size 9 39,55mm [1.555inch] 31,3mm [1.232inch] 14,6mm [0.575inch] 25,0mm [0.984inch] 4 - 9mm DAFME-101 DAFMX-101 Size 15 41,7mm [1.642inch] 39,3mm [1.547inch] 14,6mm [0.575inch] 33,3mm [1.311inch] 4 - 9mm DBFME-101 DBFMX-101 Size 25 49,0mm [1.929inch] 53,5mm [2.106inch] 14,6mm [0.575inch] 47,0mm [1.850inch] 4 - 9mm DCFME-101 DCFMX-101 Size 37 53,3mm [1.098inch] 69,7mm [2.744inch] 14,6mm [0.575inch] 63,5mm [2.500inch] 4 - 9mm Part Description Part Description With #4-40 UNC With M3 Shell AB C D Cable Jackscew Jackscrew Size Diameter Kit consists of 1 front shell, 1 rear shell, 4 strain reliefs, 2 mounting crosshead screws, and 2 jack screws. AAsssseem mbbllyy iinnssttrruuccttiioonnss SSiizzee 99,, 1155,, 2255,, 3377 Use two halves of strain relief (different sizes can be mixed) Strip cable 18mm and shape cable to two pigtails Attach the strain relief around the cable Bend cable shielding back on outside of strain relief Mount connector and cable into the backshell Assemble the other half (screwing force: 100-120 Ncm) Metal Backshell D sub:Layout 1 3/26/09 7:52 AM Page 5 |
Similar Part No. - DC19678-214 |
|
Similar Description - DC19678-214 |