Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24308 Datasheet(PDF) 2 Page - ITT Industries

Part # M24308
Description  DETAIL SPECIFICATION
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

M24308 Datasheet(HTML) 2 Page - ITT Industries

  M24308 Datasheet HTML 1Page - ITT Industries M24308 Datasheet HTML 2Page - ITT Industries M24308 Datasheet HTML 3Page - ITT Industries M24308 Datasheet HTML 4Page - ITT Industries M24308 Datasheet HTML 5Page - ITT Industries M24308 Datasheet HTML 6Page - ITT Industries M24308 Datasheet HTML 7Page - ITT Industries M24308 Datasheet HTML 8Page - ITT Industries M24308 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
2
1.3 Classification.
1.3.1 Classes. Connectors covered by this specification are of the following classes.
G - General purpose connectors, see 3.3.6.1 (see note).
N - Nonmagnetic connectors, see 3.3.6.1 (see note).
H - Hermetic connectors.
M - Same as N except, these connectors are intended for space missions.
D - Same as G except, these connectors are intended for space missions.
K - Same as H except, these connectors are intended for space missions.
1.3.2 Style of termination. Connectors covered by this specification are of the following terminal styles:
Crimp
Solder
Insulation displacement contact (IDC)
Printed wiring board (PWB)
1.3.3 Types. Connectors covered by this specification are of the following types:
I
- Standard density (size 20 contacts).
II
- High density (size 22D contacts).
III - Standard density (size 20 IDC contacts)
2. APPLICABLE DOCUMENTS
2.1 General. The documents listed in this section are specified in sections 3, 4, or 5 of this specification. This
section does not include documents cited in other sections of this specification or recommended for additional
information or as examples. While every effort has been made to ensure the completeness of this list, document users
are cautioned that they must meet all specified requirements documents cited in sections 3, 4, or 5 of this
specification, whether or not they are listed.
2.2 Government documents.
2.2.1 Specifications, standards, and handbooks. The following specifications, standards, and handbooks form a
part of this document to the extent specified herein. Unless otherwise specified, the issues of these documents are
those cited in the solicitation or contract.
DEPARTMENT OF DEFENSE SPECIFICATIONS
MIL-C-22520/2
- Crimping tools, Terminal, Hand, Wire Termination for wire barrel sizes 20 through 28
MIL-DTL-24308/23 - Connectors, Electric, Rectangular, Nonenvironmental, Miniature, Polarized Shell,
Rack and Panel, Socket Contacts, Printed Wiring Board Termination Types
MIL-DTL-24308/24 - Connectors, Electric, Rectangular, Nonenvironmental, Miniature, Polarized Shell,
Rack and Panel, Pin Contacts, Printed Wiring Board Termination Types
MIL-DTL-83488
- Coating, Aluminum, High Purity
MIL-M-24519
- Molding Plastics, Electrical Thermoplastic


Similar Part No. - M24308

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M24308-2-11 MACOM-M24308-2-11 Datasheet
188Kb / 1P
   AMPLIMITE RECEPTACLE ASSY, SIZE 1 THRU 6 SERIES 90 WITH ZINC PLATED SHLLS
logo
Maxim Integrated Produc...
M24308-2-13 MAXIM-M24308-2-13 Datasheet
157Kb / 8P
   3V to 5V Regulating Charge Pumps for SIM Cards
Rev 1; 12/98
logo
Tyco Electronics
M24308-4-268 MACOM-M24308-4-268 Datasheet
196Kb / 1P
   AMPLIMITE PLUG ASSY, SIZE 1 THRU 6 SERIES 90 WITH ZINC PLATED SHLLS
logo
ITT Industries
M24308/1-1 ITT-M24308/1-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
M24308/1-12 ITT-M24308/1-12 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - M24308

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0869LP14A090T JOHANSON-0869LP14A090T Datasheet
119Kb / 2P
   869 MHz Low Pass Filter Detail Specification
logo
List of Unclassifed Man...
SS008B-02P-22 ETC-SS008B-02P-22 Datasheet
106Kb / 1P
   P.C.B HOLE DETAIL
2005 01.07
SR45-0 ETC2-SR45-0 Datasheet
537Kb / 2P
   DETAIL EXTRUSION SIDE RAIL
570-290-721 ETC2-570-290-721 Datasheet
178Kb / 1P
   570 Series, Female Crimp Detail
LC1000B ETC1-LC1000B Datasheet
45Kb / 1P
   MATERIALS LETTING DRAINAGE STRUCTURE DETAIL
logo
Rohm
FMC3AT148 ROHM-FMC3AT148 Datasheet
106Kb / 3P
   This specification covers the detail requirements for one type silicon epitaxial planar digital transistor designed for switichng circuit
logo
Molex Electronics Ltd.
0051242021 MOLEX1-0051242021 Datasheet
102Kb / 1P
   15CK LFH PLUG INSERT MOLDED CONTANCT ASSEMBLY - SALES DETAIL
logo
STMicroelectronics
AN2229 STMICROELECTRONICS-AN2229 Datasheet
168Kb / 8P
   Purpose of the Application Note is to detail the startup behaviour
logo
EDAC, All Rights Reserv...
387-006-523-612 EDAC-387-006-523-612 Datasheet
138Kb / 3P
   337 / 387 Series Card Edge Connector 337 ENG MASTER Contact Bend Detail
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com