Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA24658 Datasheet(PDF) 8 Page - ITT Industries

Part # DA24658
Description  D Subminiature Accessories
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DA24658 Datasheet(HTML) 8 Page - ITT Industries

Back Button DA24658 Datasheet HTML 4Page - ITT Industries DA24658 Datasheet HTML 5Page - ITT Industries DA24658 Datasheet HTML 6Page - ITT Industries DA24658 Datasheet HTML 7Page - ITT Industries DA24658 Datasheet HTML 8Page - ITT Industries DA24658 Datasheet HTML 9Page - ITT Industries DA24658 Datasheet HTML 10Page - ITT Industries DA24658 Datasheet HTML 11Page - ITT Industries DA24658 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
D Cannon D-Subminiature Accessories
6
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Metal Backshell
Metal Backshell 45° Exit
The new Cannon Metal Backshells D*FM series for D-Subminiature Connectors offers protection from
magnetic and radio interferences to cable assemblies.
This backshell series is characterized by simple assembly and fit for Industrial and telecom applications.
PPrroodduucctt FFeeaattuurreess::
No crimp ferrule tooling needed
Material: Zinc, blue chromated
Unique metal filled plastic cable strain relief
guarantees 360° shielding
RoHS compliant
-40 - +120°C temperature range
Corrosion resistant
SSiizzee 1155
SSiizzee 5500
AAtttteennuuaattiioonn ccuurrvvee
DEFME-100
DEFMX-100
Size 9*
37,5mm [1.476inch]
35,5mm [1.398inch]
14,6mm [0.575inch]
4 - 9mm
DAFME-100
DAFMX-100
Size 15**
41,5mm [1.634inch]
39,5mm [1.555inch]
14,6mm [0.575inch]
33,3mm [1.311inch]
4 - 9mm
DBFME-100
DBFMX-100
Size 25**
41,5mm [1.634inch]
53,5mm [2.106inch]
14,5mm [0.571inch]
47,0mm [1.850inch]
4 - 9mm
DCFME-100
DCFMX-100
Size 37**
41,5mm [1.634inch]
70,0mm [2.756inch]
14,5mm [0.571inch]
63,5mm [2.500inch]
4 - 9mm
DDFME-100
DDFMX-100
Size 50***
45,0mm [1.772inch]
67,5mm [2.657inch]
17,4mm [0.69inch]
61,0mm [2.402inch]
13-16mm
Part Description
Part Description
With #4-40 UNC
With M3
Shell
AB
C
D
Cable
Jackscew
Jackscrew
Size
Diameter
*Size 9 Backshell: Kit consists of 1 front shell, 1 rear shell, 4 strain reliefs, 2 mounting crosshead screws, 1 jack screw
**Size 15, 25, 37 Backshell: Kit consists of 1 front shell, 1 rear shell, 4 strain reliefs, 2 mounting crosshead screws, 2 jack screws
***Size 50 Backshell: Kit consists of 1 front shell, 1 rear shell, 1 cable clamp, 4 mounting crosshead screws, 2 jack screws
AAsssseem
mbbllyy iinnssttrruuccttiioonnss SSiizzee 99,, 1155,, 2255,, 3377
Use two halves of strain relief
(different sizes can be mixed)
Strip cable 18mm and shape
cable to two pigtails
Attach the strain relief around
the cable
Bend cable shielding back on
outside of strain relief
Mount connector and cable into
the backshell
Assemble the other half
(screwing force: 100-120 Ncm)
D sub:Layout 1
4/1/09
10:23 AM
Page 6


Similar Part No. - DA24658

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DA24658 ITT-DA24658 Datasheet
9Mb / 301P
   D Subminiature Connectors
DA24658 ITT-DA24658 Datasheet
2Mb / 28P
   Defining and Champooning Innivation
DA24658 ITT-DA24658 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
DA24658-15 ITT-DA24658-15 Datasheet
9Mb / 301P
   D Subminiature Connectors
DA24658-28 ITT-DA24658-28 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
More results

Similar Description - DA24658

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D110551 ITT-D110551 Datasheet
45Kb / 2P
   D Subminiature Accessories
020420-0015 ITT-020420-0015 Datasheet
2Mb / 28P
   d subminiature accessories
52652 ITT-52652 Datasheet
42Kb / 1P
   D Subminiature Accessories
logo
Hirose Electric
HDB-CTF HIROSE-HDB-CTF Datasheet
329Kb / 6P
   CTF SERIES PLASTIC D SUBMINIATURE SHELL(ACCESSORIES)
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
   D Subminiature
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
KF22X-E9P-N ETC2-KF22X-E9P-N Datasheet
1Mb / 1P
   D-SUBMINIATURE CONNECTORS
logo
Kycon, Inc.
K22X KYCON-K22X Datasheet
667Kb / 1P
   D-SUBMINIATURE CONNECTORS
K22XHT KYCON-K22XHT Datasheet
1Mb / 1P
   D-SUBMINIATURE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com