Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM-21WA4P Datasheet(PDF) 1 Page - ITT Industries

Part # DCM-21WA4P
Description  Datasheet for part number DCM21WA4P
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DCM-21WA4P Datasheet(HTML) 1 Page - ITT Industries

  DCM-21WA4P Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DCM21WA4P
Our Catalog Part Number: DCM-21WA4P
Our Global Manufacturing Part Number: 053514-0683
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
Product Datasheet
General
Combo D Series: D-Subminiature offering mixed
layouts
Wire Gauge Range AWG
AWG 8-26
Mating Cycles
50
Contact Arrangement
21WA4 (17 contacts size 20, 4 empty size 8 cavities)
Dielectric Withstanding Voltage
500 VAC at sea level
Current Rating Signal Contacts
7.5 max
Contact Resistance
10 milli Ohm max
Operating Temperature
-55°/+125°
Salt Spray Test
20 hours
Shell Material
steel
Shell Finish
Yellow chromate over zinc
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Pin
Contact Type
Solder pot
Contact Material
copper alloy
Contact Finish
gold flash (Performance Class 3)
Mounting Method
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - DCM-21WA4P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCM-21WA4P-1A0N-K87 ITT-DCM-21WA4P-1A0N-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCM-21WA4P-NMB-77 ITT-DCM-21WA4P-NMB-77 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCM-21WA4P-NMB-K52 ITT-DCM-21WA4P-NMB-K52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DCM-21WA4P-NMC-76 ITT-DCM-21WA4P-NMC-76 Datasheet
9Mb / 301P
   D Subminiature Connectors
DCM-21WA4P-NMC-K52 ITT-DCM-21WA4P-NMC-K52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DCM-21WA4P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DD50PA191 ITT-DD50PA191 Datasheet
35Kb / 1P
   Datasheet for part number DD50PA191
DC-37S ITT-DC-37S Datasheet
35Kb / 1P
   Datasheet for part number DC37S
DEMA-15P-F0 ITT-DEMA-15P-F0 Datasheet
35Kb / 1P
   Datasheet for part number DEMA15PF0
DEA9SA197FO ITT-DEA9SA197FO Datasheet
35Kb / 1P
   Datasheet for part number DEA9SA197F0
DD-50P-A191-K87 ITT-DD-50P-A191-K87 Datasheet
34Kb / 1P
   Datasheet for part number DD50PA191K87
DEMA-9S-F0 ITT-DEMA-9S-F0 Datasheet
35Kb / 1P
   Datasheet for part number DEMA9SF0
DBMAM-25S ITT-DBMAM-25S Datasheet
35Kb / 1P
   Datasheet for part number DBMAM25S
DAM3W3S ITT-DAM3W3S Datasheet
35Kb / 1P
   Datasheet for part number DAM3W3S
DBMM13W3SN ITT-DBMM13W3SN Datasheet
35Kb / 1P
   Datasheet for part number DBMM13W3SN
DDMAM-50P ITT-DDMAM-50P Datasheet
35Kb / 1P
   Datasheet for part number DDMAM50P
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com