Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3899924WC35SN Datasheet(PDF) 8 Page - ITT Industries

Part # D3899924WC35SN
Description  MIL-DTL-38999 Series III Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D3899924WC35SN Datasheet(HTML) 8 Page - ITT Industries

Back Button D3899924WC35SN Datasheet HTML 4Page - ITT Industries D3899924WC35SN Datasheet HTML 5Page - ITT Industries D3899924WC35SN Datasheet HTML 6Page - ITT Industries D3899924WC35SN Datasheet HTML 7Page - ITT Industries D3899924WC35SN Datasheet HTML 8Page - ITT Industries D3899924WC35SN Datasheet HTML 9Page - ITT Industries D3899924WC35SN Datasheet HTML 10Page - ITT Industries D3899924WC35SN Datasheet HTML 11Page - ITT Industries D3899924WC35SN Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
A-26
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Contacts-Pin (Series I/II/III)
Contact
Size
Cannon
Part Number
M39029
Military
Part Number
Color
Bands
2
1
3
MIL-C-39029/58
KJL/KJ/KJA
1st BAND (WIDE)
2nd BAND (NARROW)
3rd BAND (NARROW)
22D
20
16
12
Orange
Orange
Orange
Orange
Blue
Blue
Blue
Blue
Black
Orange
Yellow
Green
980-0008-878
980-0008-879
980-0008-880
980-0008-881
M39029/58-360
M39029/58-363
M39029/58-364
M39029/58-365
Contact
Size
8 Coax
8 Twinax
12 Coax
Cannon
Part Number
Cable
Accomodations
249-2196-000
249-2196-001
249-2196-002
980-1000-012
980-1000-016
RG-180
RG-174, 179, 316
RG-142
M17/176-00002
RG-174, 179, 316
Contacts-Socket (Series II)
Manufacture identification
Code Area - Typical all contacts
MIL-C-39029/57
KJ
Contact
Size
Cannon
Part Number
M39029
Military
Part Number
Color
Bands
2
1
3
22D
20
16
12
Orange
Orange
Orange
Orange
Green
Green
Green
Green
Yellow
Violet
Gray
White
980-0008-874
980-0008-875
980-0008-876
980-0008-877
M39029/57-354
M39029/57-357
M39029/57-358
M39029/57-359
Contacts-Socket (Series I & III)
MIL-C-39029/56
KJL/KJA
Contact
Size
Cannon
Part Number
M39029
Military
Part Number
Color
Bands
2
1
3
22D
20
16
12
Orange
Orange
Orange
Orange
Yellow
Green
Green
Green
Gray
Brown
Red
Orange
980-0008-870
980-0008-871
980-0008-872
980-0008-873
M39029/56-348
M39029/56-351
M39029/56-352
M39029/56-353
Contact
Size
8 Coax
8 Twinax
12 Coax
Cannon
Part Number
Cable
Accomodations
249-2195-000
249-2195-001
249-2195-002
980-1000-013
980-1000-015
RG-180
RG-174, 179, 316
RG-142
M17/176-00002
RG-174, 179, 316
95 Ohms
75 Ohms
95 Ohms
75 Ohms
Cannon KJL/KJ/KJA/KJB
MIL-DTL-38999 Series I, II, III Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 26


Similar Part No. - D3899924WC35SN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D3899924WC35SN ITT-D3899924WC35SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
More results

Similar Description - D3899924WC35SN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
Glenair, Inc.
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-303 GLENAIR-233-303 Datasheet
232Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com