Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45D161 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT45D161
Description  16-Megabit 5-volt Only Serial DataFlash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D161 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT45D161 Datasheet HTML 12Page - ATMEL Corporation AT45D161 Datasheet HTML 13Page - ATMEL Corporation AT45D161 Datasheet HTML 14Page - ATMEL Corporation AT45D161 Datasheet HTML 15Page - ATMEL Corporation AT45D161 Datasheet HTML 16Page - ATMEL Corporation AT45D161 Datasheet HTML 17Page - ATMEL Corporation AT45D161 Datasheet HTML 18Page - ATMEL Corporation AT45D161 Datasheet HTML 19Page - ATMEL Corporation AT45D161 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AT45D161
19
Ordering Information
fSCK (MHz)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
15
25
0.02
AT45D161-JC
AT45D161-RC
AT45D161-TC
32J
28R
28T
Commercial
(0
°C to 70°C)
15
25
0.02
AT45D161-JI
AT45D161-RI
AT45D161-TI
32J
28R
28T
Industrial
(-40
°C to 85°C)
Package Type
32J
32-Lead, Plastic J-Leaded Chip Carrier (PLCC)
28R
28-Lead, 0.330” Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28-Lead, Plastic Thin Small Outline Package (TSOP)


Similar Part No. - AT45D161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161 ATMEL-AT45D161 Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D161-JC ATMEL-AT45D161-JC Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D161-JI ATMEL-AT45D161-JI Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D161-RC ATMEL-AT45D161-RC Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D161-RI ATMEL-AT45D161-RI Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
More results

Similar Description - AT45D161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161 ATMEL-AT45D161_01 Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
   16-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
   8-Megabit 5-volt Only Serial DataFlash
AT45D041 ATMEL-AT45D041 Datasheet
116Kb / 16P
   4-Megabit 5-volt Only Serial DataFlash
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com